Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7SET17F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SET17F
Description  Schmitt Non-Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SET17F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SET17F Datasheet HTML 1Page - Toshiba Semiconductor TC7SET17F Datasheet HTML 2Page - Toshiba Semiconductor TC7SET17F Datasheet HTML 3Page - Toshiba Semiconductor TC7SET17F Datasheet HTML 4Page - Toshiba Semiconductor TC7SET17F Datasheet HTML 5Page - Toshiba Semiconductor TC7SET17F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SET17F/FU
2007-11-01
2
Logic Diagram
Truth Table
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~Vcc
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~20
ns/V
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
4.5
⎯
⎯
1.90
⎯
1.90
Positive Threshold
Voltage
VP
⎯
5.5
⎯
2.10
⎯
2.10
4.5
0.50
⎯
⎯
0.50
⎯
Negative Threshold
Voltage
VN
⎯
5.5
0.60
⎯
⎯
0.60
⎯
4.5
0.40
⎯
1.40
0.40
1.40
Hysteresis Voltage
VH
⎯
5.5
0.40
⎯
1.50
0.40
1.50
V
IOH = −50 μA 4.5
4.4
4.5
⎯
4.4
⎯
High-level output voltage
VOH
VIN = VIL
IOH = −8 mA
4.5
3.94
⎯
⎯
3.80
⎯
IOL = 50 μA
4.5
⎯
0.0
0.10
⎯
0.10
Low-level output voltage
VOL
VIN = VIH
IOL = 8 mA
4.5
⎯
⎯
0.36
⎯
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
5.5
⎯
⎯
2.0
⎯
20.0
μA
Quiescent supply current
ICCT
Per Input
:VIN = 3.4 V
Other Input
:VCC or GND
5.5
⎯
⎯
1.35
⎯
1.50
mA
INPUT
OUTPUT
A
Y
L
L
H
H
IN A
OUT Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com