Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71444MEVAL1Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL71444MEVAL1Z
Description  19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71444MEVAL1Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL71444MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
FN8892 Rev.3.02
Page 13
Dec 12, 2024
ISL71444M Datasheet
Figure 34. Open-Loop Frequency Response
(CL = 100pF)
Figure 35. CMRR vs Frequency
Figure 36. PSRR vs Frequency (V± = ±1.35V)
Figure 37. PSRR vs Frequency (V± = ±2.5V)
Figure 38. PSRR vs Frequency (V± = ±18V)
Figure 39. Frequency Response vs Closed-Loop Gain
Unless otherwise specified, VS ± 18V, VCM = 0, VO = 0V, TA = +25°C. (Cont.)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
-150
-100
-50
0
50
100
150
0
10
1k
100k
10M
1G
Frequency (Hz)
Simulation
Gain
Phase
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
±1.5V
±18V
±2.5V
0
20
40
60
80
100
120
140
160
0k
0k
1k
10k
100k
1M
10M
Frequency (Hz)
-55°C
25°C
125°C
10
100
0
20
40
60
80
100
120
140
160
0k
0k
1k
10k
100k
1M
10M
Frequency (Hz)
-55°C
25°C
125°C
10
100
0
20
40
60
80
100
120
140
160
0k
0k
1k
10k
100k
1M
10M
Frequency (Hz)
-55°C
25°C
125°C
10
100
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
G = 10
G = 1000
G = 100
G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com