Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS01P10TA-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CMS01P10TA-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS01P10TA-HF Datasheet(HTML) 4 Page - Comchip Technology

  CMS01P10TA-HF Datasheet HTML 1Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 2Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 3Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 4Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 5Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 6Page - Comchip Technology CMS01P10TA-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rating and Characteristic Curves (CMS01P10TA-HF)
MOSFET
Comchip Technology CO., LTD.
REV:A
Page 4
QW-JTR144
Fig.7 - Capacitance vs Drain-Source
Voltage
Drain-Source Voltage, -VDS (V)
0
20
40
60
80
100
1
10
100
1000
Fig.8 - Threshold Voltage vs
Junction Temperature
Junction Temperature, TJ (°C)
-75
-25
25
75
125
175
0.4
1.0
1.4
0.6
-50
0
50
100
150
Fig.9 - Forward Transfer Admittance
vs Drain Current
0.001
0.1
0.01
1
10
0.01
0.1
1
10
Fig.10 - Gate Charge Characteristics
Total Gate Charge, Qg (nC)
0
6
10
8
4
0
Fig.12 - Maximum Drain Current vs
Junction Temperature
Junction Temperature, TJ (°C)
25
75
125
175
0
0.4
1.0
0.8
0.2
50
100
150
Drain Current, -ID (A)
2
4
1
3
7
Fig.11 - Maximum Safe Operating Area
0.6
ID= -1mA
ID= -250µA
1.2
0.8
Ciss
Coss
Crss
5
6
2
VDS= -50V
ID= -1A
VDS= -10V
TA=25°C
Pulsed
Drain-Source Voltage, -VDS (V)
0.01
0.1
1
10
0.001
0.1
0.01
1
100
10
TA=25°C, TJ=150°C
VGS= -10V, RθJA=145°C/W
Single Pulsed
100µs
1ms
10ms
100ms
1s
10s
DC
RDS(ON)
Limited
VGS= -10V
RθJA=145°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com