Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES14A0A-E28-R232N Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # ES14A0A-E28-R232N
Description  ES14 - 14 mm Rotary Optical Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ES14A0A-E28-R232N Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  ES14A0A-E28-R232N Datasheet HTML 1Page - Bourns Electronic Solutions ES14A0A-E28-R232N Datasheet HTML 2Page - Bourns Electronic Solutions ES14A0A-E28-R232N Datasheet HTML 3Page - Bourns Electronic Solutions ES14A0A-E28-R232N Datasheet HTML 4Page - Bourns Electronic Solutions ES14A0A-E28-R232N Datasheet HTML 5Page - Bourns Electronic Solutions ES14A0A-E28-R232N Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ES14 - 14 mm Rotary Optical Encoder
Product Dimensions
3.18
(.125)
TYP.
"L" PIN STYLE
"R" PIN STYLE
3.18
(.125)
DIA.
10.03
(.395)
MOUNTING
SURFACE
22.23
(.875)
9.53
(.375)
1.52
(.060)
0.79
(.031)
TYP.
1.52
(.060)
TYP.
"L" PIN STYLE
1.75
(.069)
DIA.
0.457 ± 0.026
(.018 ± .001)
TYP.
"R" PIN STYLE
2.08
(.082)
METAL BUSHING
METAL SHAFT
14.25
(0.561)
R
ANTI-ROTATION BOSS
(OPTIONAL)
HIGH
X
1.19
(.047)
.79
(.031)
14.76
(.581)
8.00
(.315)
DIMENSIONS:
MM
(INCHES)
Cable/Connector Options
DIMENSIONS:
MM
(INCHES)
Cable Assembly, Connector on One End
Cable Assembly, Connector on Both Ends
A
3.98
(.157)
REF.
REF.
REF.
2.7
(.106)
6.0
(.236)
1.0
(.039)
1.25
(.049)
1.25
(.049)
.457
(.018)
STRIPPED AND TINNED
100 % MATTE TIN
RIBBON CABLE
6x28 AWG x
PITCH
PIN 1 - RED STRIPE
CONNECTOR
RECEPTACLE
DIA. PINS
FOR
PITCH
x
x
6.0
(.236)
1.0
(.039)
1.25
(.049)
.457
(.018)
2 x CONNECTOR
RECEPTACLE
DIA. PINS
FOR
PITCH
x
x
2.54
(.100)
A
8.0
(.315)
1.25
(.049)
RIBBON CABLE
6x28 AWG x
PITCH
PIN 1 - RED STRIPE
HARDWARE
NUMBER
H-290-4
DESCRIPTION
CABLE ASSEMBLY,
CONNECTOR
ON ONE END
“A” DIM.
304.8 ± 5.0
(12.0 ± .197)
152.4 ± 5.0
(6.0 ± .197)
H-290-2
CABLE ASSEMBLY,
CONNECTOR
ON ONE END
H-290-1
CABLE ASSEMBLY,
CONNECTOR
ON BOTH ENDS
304.8 ± 5.0
(12.0 ± .197)
152.4 ± 5.0
(6.0 ± .197)
H-290-3
CABLE ASSEMBLY,
CONNECTOR
ON BOTH ENDS
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com