Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521AR6TC Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST72F521AR6TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR6TC Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST72F521AR6TC Datasheet HTML 142Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 143Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 144Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 145Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 146Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 147Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 148Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 149Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 215 page
background image
ST72F521, ST72521B
146/215
CONTROLLER AREA NETWORK (Cont’d)
10.8.5 List of CAN Cell Limitations
10.8.5.1 Omitted SOF bit
Symptom:
Start of Frame (SOF) bit is omitted if transmission
is requested in the last Intermission bit.
Test Case:
5.3.1 10-Kbit Stress Test
Details:
The IUT is requested to start transmission immedi-
ately after the completion of the previous transmis-
sion. The LT also starts its transmission and as-
serts the SOF bit just after the 3rd Intermission bit.
The IUT also starts transmission but omits the
SOF bit. The IUT wins the arbitration and contin-
ues the transmission. The frame is sent correctly.
Impact On The Application:
As this effect only occurs when the IUT detects a
SOF bit on the CAN bus, the fact that it omits its
own SOF bit has no impact on the communication.
10.8.5.2 CAN: CPU Write Access (More Than
One Cycle) Corrupts CAN Frame
Symptoms:
For CAN received messages the identifier high
byte or last data byte can be corrupted.
For CAN transmitted messages the 2nd data byte
can be corrupted.
Details:
The CAN transmit and receive buffers are imple-
mented as dual ported RAM. During the reception
of a CAN frame the CAN core writes the received
identifier and the data byte-by-byte in the corre-
sponding buffer.
IF the CAN bit timing configuration is tBS2 < 5 time
quanta
AND
IF concurrently with the pCAN, the CPU executes
a write access to the dual ported RAM using an in-
struction with more than one cycle access, e.g.
CLR, BSET, BRES
THEN the access conflict can lead to the corrup-
tion described in the symptoms paragraph above.
Impact On The Application:
Several CAN frames with erroneous data or iden-
tifier will be received/transmitted.
Software Workaround:
Program tBS2 > 4 time quanta or, when accessing
the receive or transmit buffers, do not use the crit-
ical instructions which are:
BSET, BRES, CLR, CPL, DEC, INC, NEG, RLC,
SLL, SRL, RRC, SRA, SWAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com