Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521AR6TC Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST72F521AR6TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR6TC Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST72F521AR6TC Datasheet HTML 144Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 145Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 146Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 147Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 148Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 149Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 150Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 151Page - STMicroelectronics ST72F521AR6TC Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 215 page
background image
ST72F521, ST72521B
148/215
CONTROLLER AREA NETWORK (Cont’d)
Software Work-around - Devices with Hard-
ware Fix (ST72F521 rev “R”):
To implement a transmission abort under safe
conditions, the LOCK bit must not be reset during
the critical window (2 bit times). A new function
has been implemented in the MCU allowing the
application to synchronize the reset of the LOCK
bit (abort request) with the reset of the TXRQST bit
(internal signal) in the pCAN core.
The synchronization is done using the WKPS bit in
the CANCSR register, the function of this bit has
been modified and no more Wake-up Pulse (dom-
inant bit) is sent on the CAN_TX signal when the
WKPS bit is set. This means the functionality de-
scribed in the datasheet is no longer applicable
(see Section 10.8.5.4).
To abort the transmission, first the application sets
the WKPS bit and polls it until it is set. The maxi-
mum time needed to set this bit is two CAN bit
times. Once the application has read the WKPS bit
as one, it can reset the LOCK bit to stop the cur-
rent transmission.
The abort is completed when the LOCK bit is read
back as zero by the application. Once the abort
has been completed, the application must reset
the WKPS bit to be able to transmit again. Of
course the transmit buffer must be in LOCK state
as usual before any transmission attempt.
The “C” code sequence below shows the software
work-around using the WKPS bit.
CANCSR |= WKPS;
// Set WKPS bit
while(!(CANCSR & WKPS) );// Wait until WKPS bit is set
while( CANBCSR & LOCK )// Wait until abort has been confirmed
{
CANBCSR &= ~LOCK;
}
CANCSR &= ~WKPS;
// Allow transmission again
CANBCSR |= LOCK;
//Alloc buffer for next transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com