Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL73096RHF/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL73096RHF/PROTO
Description  Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73096RHF/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL73096RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL73096RHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH
FN6475 Rev 4.00
Page 6 of 11
June 27, 2014
Typical Performance Curves +25°C unless otherwise specified.
FIGURE 5. NPN COLLECTOR CURRENT vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 6. NPN COLLECTOR CURRENT AND BASE CURRENT
vs BASE TO EMITTER VOLTAGE
FIGURE 7. NPN DC CURRENT GAIN vs COLLECTOR CURRENT
FIGURE 8. NPN GAIN BANDWIDTH PRODUCT vs COLLECTOR
CURRENT
FIGURE 9. PNP COLLECTOR CURRENT vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 10. PNP COLLECTOR CURRENT AND BASE CURRENT vs
BASE TO EMITTER VOLTAGE
IB = 200µA
COLLECTOR TO EMITTER VOLTAGE (V)
IB = 160µA
IB =120µA
IB = 80µA
IB = 40µA
12345
0
25
20
15
10
5
IB
BASE TO EMITTER VOLTAGE (V)
VCE = 3V
0.6
0.7
0.8
0.9
1.0
100m
10m
1m
100µ
IC
0.5
10
1
100n
10n
1n
COLLECTOR CURRENT (A)
VCE = 3V
160
140
120
1µ
100
80
60
40
20
0
10µ
100µ
1m
10m
100m
COLLECTOR CURRENT (mA)
VCE = 1V
1.0
10
100
10.0
8.0
6.0
0.1
VCE = 5V
VCE = 3V
4.0
2.0
0
IB = -400µA
COLLECTOR TO EMITTER VOLTAGE (V)
IB = -80µA
-1
-2
-3
-4
-5
0
-25
-20
-15
-10
-5
0
IB = -320µA
IB = -240µA
IB = -160µA
BASE TO EMITTER VOLTAGE (V)
IB
VCE = -3V
-0.6
-0.7
-0.8
-0.9
-1.0
-100m
-10m
-1m
-100
IC
-0.5
-10
-1
-100n
-10n
-1n



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com