Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521AR6T3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST72F521AR6T3
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR6T3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST72F521AR6T3 Datasheet HTML 6Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 7Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 8Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 9Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 10Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 11Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 12Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 13Page - STMicroelectronics ST72F521AR6T3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 215 page
background image
ST72F521, ST72521B
10/215
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to See “ELECTRICAL CHARACTERISTICS” on page 165.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.3VDD/0.7VDD with input trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to “I/O PORTS” on page 47 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
11
PE4 (HS)
I/O CT HS
X
XX
X
Port E4
22
PE5 (HS)
I/O CT HS
X
XX
X
Port E5
33
PE6 (HS)
I/O CT HS
X
XX
X
Port E6
44
PE7 (HS)
I/O CT HS
X
XX
X
Port E7
55
PB0/PWM3
I/O CT
X
ei
2
X
X
Port B0
PWM Output 3
66
PB1/PWM2
I/O CT
X
ei
2
X
X
Port B1
PWM Output 2
77
PB2/PWM1
I/O CT
X
ei
2
X
X
Port B2
PWM Output 1
88
PB3/PWM0
I/O CT
X
ei2
X
X
Port B3
PWM Output 0
9-
PG0
I/O TT
X
XX
X
Port G0
10
-
PG1
I/O TT
X
XX
X
Port G1
11
-
PG2
I/O TT
X
XX
X
Port G2
12
-
PG3
I/O TT
X
XX
X
Port G3
13
9
PB4 (HS)/ARTCLK
I/O CT HS
X
ei3
X
X
Port B4
PWM-ART External Clock
14
10
PB5/ARTIC1
I/O CT
X
ei3
X
X
Port B5
PWM-ART Input Capture 1
15
11
PB6/ARTIC2
I/O CT
X
ei3
X
X
Port B6
PWM-ART Input Capture 2
16
12
PB7
I/O CT
X
ei3
X
X
Port B7
17
13
PD0 /AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
18
14
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
19
15
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
20
16
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
21
-
PG6
I/O TT
X
XX
X
Port G6
22
-
PG7
I/O TT
X
XX
X
Port G7
23
17
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com