Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HP-RTG-C Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # HP-RTG-C
Description  HIGH POWER DISTRIBUTION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

HP-RTG-C Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  HP-RTG-C Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH POWER DISTRIBUTION SERIES
DIN RAIL CONNECTOR POWER BLOCK
600 VOLTS / 90 AMPS
PART NUMBER:
PART #:
HP-RTG-C
Type:
Panel
Features:
3 Poles
Applications:
Suitable for:
Panels
CNC Equipment
Standby Generators
Switch Gear
HVAC Equipment
Water Pumps
Electrical
Rated Voltage:
600V
Rated Current:
90A
Screw Size / Torque
Line ¼-28 UNF Slot
2-12 AWG
32 LB/IN
Load ¼-28 UNF Slot
2-12 AWG
32 LB/IN
Operating Temperature:
-25°C to +150°C
Materials
Housing:
PA 66 (UL 94V-0)
Terminals:
Copper - Current Conducting Plate
Stainless Steel - Terminal Frame
Withstanding Voltage:
AC 2,500V
(0.02)
(0.02)


Similar Part No. - HP-RTG-C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
HP-10-0 MULTICOMP-HP-10-0 Datasheet
246Kb / 1P
HP Series Hole Plugs
23/06/22 V1.0
logo
3M Electronics
HP-100 3M-HP-100 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
logo
Multicomp Pro
HP-13 MULTICOMP-HP-13 Datasheet
246Kb / 1P
HP Series Hole Plugs
23/06/22 V1.0
logo
3M Electronics
HP-156 3M-HP-156 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
HP-157 3M-HP-157 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
More results

Similar Description - HP-RTG-C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
POWER-DISTRIBUTION
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
High-Side Power Distribution Controller
logo
Global Mixed-mode Techn...
G5244 GMT-G5244 Datasheet
38Kb / 1P
High-Side Power Distribution Switch
G5243A GMT-G5243A Datasheet
71Kb / 1P
High-Side Power Distribution Switch
G5241 GMT-G5241 Datasheet
146Kb / 1P
High-Side Power Distribution Switch
G5240 GMT-G5240 Datasheet
158Kb / 1P
High-Side Power Distribution Switch
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
High-Side Power Distribution Controller
logo
Nuvoton Technology Corp...
NCT3521U NUVOTON-NCT3521U Datasheet
508Kb / 13P
High-side Power Distribution Switch
NCT3521U-A NUVOTON-NCT3521U-A Datasheet
558Kb / 14P
High-side Power Distribution Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com