Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F521R9T6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72F521R9T6
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9T6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72F521R9T6 Datasheet HTML 4Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 5Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 6Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 7Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 8Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 9Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 10Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 11Page - STMicroelectronics ST72F521R9T6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 215 page
background image
ST72F521, ST72521B
8/215
2 PIN DESCRIPTION
Figure 2. 80-Pin TQFP 14x14 Package Pinout
2
1
3
4
5
6
7
8
10
9
12
14
16
18
20
11
15
13
17
19
57
58
56
55
54
53
52
51
49
50
47
45
43
41
48
44
46
42
60
59
VSS_1
VDD_1
PA3 (HS)
PC3 (HS) /ICAP1_B
PC2(HS) / ICAP2_B
PC1 / OCMP1_B / AIN13
PC0 / OCMP2_B /AIN12
PA2
PA1
PA0
PC7 / SS / AIN15
PH2
PC5 / MOSI / AIN14
PWM0 / PB3
PG0
PG1
PG2
AIN3 / PD3
(HS) PE7
PWM3 / PB0
PWM2 / PB1
PWM1 / PB2
PG3
ARTCLK / (HS) PB4
ARTIC1 / PB5
ARTIC2 / PB6
PB7
AIN0 / PD0
AIN1 / PD1
AIN2 / PD2
(HS) PE4
(HS) PE5
(HS) PE6
PC4 / MISO / ICCDATA
PH1
PH3
PC6 / SCK /ICCCLK
VSS_0
VDD_0
PH0
(HS) 20mA high sink capability
eix
associated external interrupt vector
ei1
ei3
ei2
ei0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com