Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LQ10D368 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LQ10D368
Description  TFT-LCD Module (Model No.: LQ10D368)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ10D368 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LQ10D368 Datasheet HTML 17Page - Sharp Corporation LQ10D368 Datasheet HTML 18Page - Sharp Corporation LQ10D368 Datasheet HTML 19Page - Sharp Corporation LQ10D368 Datasheet HTML 20Page - Sharp Corporation LQ10D368 Datasheet HTML 21Page - Sharp Corporation LQ10D368 Datasheet HTML 22Page - Sharp Corporation LQ10D368 Datasheet HTML 23Page - Sharp Corporation LQ10D368 Datasheet HTML 24Page - Sharp Corporation LQ10D368 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LD13305-15
10. Display Quality
The display quality of the color TFT-LCD module shall be in compliance with the
Incoming Inspection Standard.
11
.Handling Precautions
a) Be sure to turn off the power supply when inserting or disconnecting the cable.
b) Be sure to design the cabinet so that the module can be installed without any extra stress such as
warp or twist.
c) Since the front polarizer is easily damaged, pay attention not to scratch it.
d) Wipe off water drop immediately.
Long contact with water may cause discoloration or spots.
e) When the panel surface is soiled, wipe it with absorbent cotton or other soft cloth.
f) Since the panel is made of glass, it may break or crack if dropped or bumped on hard surface.
Handle with care.
g) Since CMOS LSI is used in this module, take care of static electricity and injure the human earth
when handling.Observe all other precautionary requirements in handling electric components.
h) Protection film is attached to the module surface to prevent it from being scratched .
Peel the film off slowly , just before the use, with strict attention to electrostatic charges.
Blow off 'dust' on the polarizer by using an ionized nitrogen.
.
i) The polarizer surface on the panel is treated with Anti-Glare for low reflection. In case of attaching
protective board over the LCD, be careful about the optical interface fringe etc. which degrades display
quality.
j)Do not expose the LCD panel to direct sunlight. Lightproof shade etc. should be attached when LCD panel is
used under such environment.
k) Connect GND to 4 place of mounting holes to stabilize against EMI and external noise.
l) There are high voltage portions on the backlight and very dangerous. Careless touch may lead to
electrical shock. When exchange lamps or service, turn off the power without tail.
m) When handling LCD modules and assembling them into cabinets, please be noted that long-term
storage in the environment of oxidization or deoxidization gas and the use of such materials as reagent,
solvent, adhesive, resin, etc. which generate these gasses, may cause corrosion and discoloration of the
LCD modules.
n)Cold cathode fluorescent lamp in LCD panel contains a small amount of mercury, please follow local
ordinances or regulations for disposal.
o) Be sure not to aplly tensile stress to the lamp lead cable.
12.Packing form
Product country
JAPAN
Piling number of cartons
8
(Max)
Packing quantity in one carton
10
Carton size
[mm]
497(W)×318(D)×227(H)
Total mass of one carton filled
with full modules
7.8 kg
Packing form is shown
Fig.4
sharp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com