Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VCX00FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX00FT
Description  Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX00FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX00FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX00FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74VCX00FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 2)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCC = 0 V
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
VCC
14
4B
4A
4Y
3B
3A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1B
1Y
2A
2B
2Y
GND
3Y
2
&
1
5
4
10
9
13
12
1B
1A
2B
2A
3B
3A
4B
4A
3
6
8
11
1Y
2Y
3Y
4Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com