Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VCX74FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX74FT
Description  Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX74FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX74FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX74FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VCX74FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
CLR
PR
D
CK
Q
Q
Function
L
H
X
X
L
H
Clear
H
L
X
X
H
L
Preset
L
L
X
X
H
H
⎯
H
H
L
L
H
⎯
H
H
H
H
L
⎯
H
H
X
Qn
n
Q
No change
X: Don’t care
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 2)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50 (Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCC = 0 V
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
12
3
S
4
1
2
11
10
1CK
1 PR
1D
2CK
2D
5
6
9
8
1Q
1 Q
2Q
2 Q
2 PR
1 CLR
2 CLR
C1
1D
R
13
VCC
CLR
2
2D
2CK
PR
2
2Q
14
13
12
11
10
CLR
1
1
2
3
4
5
6
7
1D
1CK
PR
1
1Q
Q
1
GND
Q
2
9
8
CK
Q
D
Q
CK
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com