Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL108533FCTRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL108533FCTRL
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL108533FCTRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL108533FCTRL Datasheet HTML 1Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 2Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 3Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 4Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 5Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 6Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 7Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 8Page - Anpec Electronics Coropration APL108533FCTRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun, 2003
APL1085
www.anpec.com.tw
5
Typical Characteristics (Cont.)
-50
0
50
100
150
0
1
2
3
4
5
Temperature (
°C)
-50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
100
Temperature (
°C)
V
IN-VOUT = 3V
V
RIPPLE(p-p) = 1V
I
OUT = 3A
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
Minimum Load Current vs Temperature
Adjust Pin Current vs Temperature
Ripple Rejection vs Frequency
Frequency (Hz)
Maximum Power Dissipation*
Case Temperature (
°C)
* as Limited by Maximum Jcnction Temperature
50
70
90
110
130
150
0
2
4
6
8
10
12
14
16
18
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com