Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VCX138FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX138FK
Description  Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX138FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX138FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VCX138FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G1
A
2
G
B
2
G
C
B
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
Selected Output
L
X
X
X
X
X
H
H
H
H
H
H
H
H
None
X
H
X
X
X
X
H
H
H
H
H
H
H
H
None
X
X
H
X
X
X
H
H
H
H
H
H
H
H
None
H
L
L
L
L
L
L
H
H
H
H
H
H
H
0
Y
H
L
L
L
L
H
H
L
H
H
H
H
H
H
1
Y
H
L
L
L
H
L
H
H
L
H
H
H
H
H
2
Y
H
L
L
L
H
H
H
H
H
L
H
H
H
H
3
Y
H
L
L
H
L
L
H
H
H
H
L
H
H
H
4
Y
H
L
L
H
L
H
H
H
H
H
H
L
H
H
5
Y
H
L
L
H
H
L
H
H
H
H
H
H
L
H
6
Y
H
L
L
H
H
H
H
H
H
H
H
H
H
L
7
Y
X: Don’t care
1
EN
0
3
2
5
4
7
6
B
A
C
G1
A
2
G
14
15
12
13
10
11
7
9
1
3
2
6
5
4
2
1
4
&
Bin/Oct
1
Y
3
Y
5
Y
6
Y
0
Y
B
2
G
2
Y
4
Y
7
Y
0
G
7
1
0
3
2
5
4
7
6
B
A
C
G1
A
2
G
14
15
12
13
10
11
7
9
1
3
2
6
5
4
0
2
&
Dmux
1
Y
3
Y
5
Y
6
Y
0
Y
B
2
G
2
Y
7
Y
4
Y
VCC
16
0
Y
1
Y
2
Y
3
Y
4
Y
15
14
13
12
11
10
A
1
2
3
4
5
6
7
B
C
2A
G
2B
G
G1
7
Y
5
Y
8
GND
9
6
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com