Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VCX573FK Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VCX573FK
Description  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX573FK Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX573FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX573FK Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TC74VCX573FT/FK
2007-10-19
9
AC Test Circuit
AC Waveform
Figure 2 tpLH, tpHL, tw, ts, th
90%
10%
Input
(LE)
VIH
tr 2.0 ns
Input
(D)
th (L)
VM
GND
VM
tf 2.0 ns
VM
90%
10%
tpHL
Output
(Q)
ts (L)
tw (H)
VIH
GND
tpHL
VM
VM
tpLH
VOH
VOL
tpLH
th (H)
ts (H)
VM
tr 2.0 ns
tf 2.0 ns
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 ± 0.15 V
@VCC = 1.5 ± 0.1 V
@VCC = 1.2 V
tpHZ, tpZH
GND
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2 V
RL
500Ω
2kΩ
CL
30pF
15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com