Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL108533GCTR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL108533GCTR
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL108533GCTR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL108533GCTR Datasheet HTML 1Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 2Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 3Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 4Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 5Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 6Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 7Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 8Page - Anpec Electronics Coropration APL108533GCTR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun, 2003
APL1085
www.anpec.com.tw
3
NOTE 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulations are
measured at a constant junction temperature by low duty cycle pulse testing.
Electrical Characteristics Cont.
APL1085
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆IADJ
Adjust Pin Current
Change APL1085
1.5V
≤( VIN -VOUT)≤5.75V,
10mA
≤ IOUT≤ 3A
0.2
5
µA
I
LMIN
Minimum Load
Current APL1085
1.5V
≤( VIN -VOUT)≤5.75V,
T
J
=0∼125°C
210
mA
I
Q
Quiescent Current
APL1085-3.3
V
I N=5V
8
13
mA
PSRR Ripple Rejection
F=120Hz, C
out=22
µF, Tant. ,
(V
IN -VOUT)=3V, IOUT=3A
60
dB
L
S
Long -Term
Stability
T
J
=125°C,1000Hrs.
0.03
1.0
%
V
N
RMS Output
Noise(% of V
OUT)
T
J
=25°C,10Hz? F? 10kHz
0.003
%
θJC
Thermal
Resistance
Junction to Case
Control Circuitry/Power
Transistor
0.7/3.0
°C/
W
Application Circuits
*Required for stability
APL
1085:C
2=10µF
* R1 is typically in range of 100
Ω to 120Ω
(2.75V~7V)
APL1085
V
IN
+
10µF
C
1
(1.250V/ 3A)
Solid Tantalum
C
2*
V
OUT
+
(5V)
APL1085
V
IN
+
10µF
C
1
(3.3V/ 3A)
V
OUT
Solid Tantalum
C
2*
+
R1
R2
R1/(R1+R2)=1.250V/3.3V
Typical Regulator
5V to 3.3V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com