Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VCX2541FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VCX2541FT
Description  Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2541FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX2541FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2541FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC74VCX2541FT/FK/FTG
2007-10-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 4.6
V
DC input voltage
VIN
−0.5 to 4.6
V
−0.5 to 4.6 (Note 2)
DC output voltage
VOUT
−0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: OFF state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.8 to 3.6
Power supply voltage
VCC
1.2 to 3.6 (Note 2)
V
Input voltage
VIN
−0.3 to 3.6
V
0 to 3.6 (Note 3)
Output voltage
VOUT
0 to VCC (Note 4)
V
±12
(Note 5)
±8
(Note 6)
Output current
IOH/IOL
±4
(Note 7)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 8)
ns/V
Note 1: The operating ranges are required to ensure the normal operation of the device. Unused inputs and bus
inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or
GND when the I/O of the bus terminal changes by the function. In this case, please note that the output is
not short-circuited.
Note 2: Data retention only
Note 3: OFF state
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.3 to 2.7 V
Note 7: VCC = 1.8 V
Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com