Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7793EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7793EBZ
Description  Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7793EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7793EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EVAL-AD7793
Rev. 0 | Page 4 of 16
INTERFACING TO THE EVALUATION BOARD
Interfacing to the evaluation board is via a standard USB
connector, J1. J1 is used to connect the evaluation board to
the USB port of a PC. A standard USB connector cable is
included with the AD7793 evaluation board to allow the
evaluation board to interface with the USB port of the PC.
Because the board is powered via the USB connector, there
is no need for an external power supply, although if preferred,
one may be connected via J3.
Communication between the AD7793 and the PC is via the
USB/SPI interface. The on-board USB controller (U2) handles
this communication.
To set up the USB/SPI interface, use the following procedure:
1.
Install the AD7793 evaluation board software using the
supplied AD7793 evaluation board CD before connecting
the board to the PC.
2.
After the AD7793 evaluation board software is installed,
connect the board to the PC via J1 on the AD7793 evaluation
board and via the USB port on the PC using the supplied
USB connector cable. The PC automatically finds the new
USB device and identifies it as the AD779x Evaluation Board.
3.
Follow the on-screen instructions that appear. During the
installation process if the Hardware Installation Wizard
appears as shown in Figure 2, select Continue Anyway
to successfully complete the installation of the AD7793
evaluation board.
Figure 2. Hardware Installation Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com