Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFR120ZPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR120ZPBF.
Description  AUTOMOTIVE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR120ZPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRFR120ZPBF. Datasheet HTML 1Page - International Rectifier IRFR120ZPBF. Datasheet HTML 2Page - International Rectifier IRFR120ZPBF. Datasheet HTML 3Page - International Rectifier IRFR120ZPBF. Datasheet HTML 4Page - International Rectifier IRFR120ZPBF. Datasheet HTML 5Page - International Rectifier IRFR120ZPBF. Datasheet HTML 6Page - International Rectifier IRFR120ZPBF. Datasheet HTML 7Page - International Rectifier IRFR120ZPBF. Datasheet HTML 8Page - International Rectifier IRFR120ZPBF. Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRFR120Z
IRFU120Z
HEXFET® Power MOSFET
VDSS = 100V
RDS(on) = 190mΩ
ID = 8.7A
10/3/03
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 94754
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to
achieve extremely low on-resistance per silicon area. Additional
features of this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive avalanche
rating . These features combine to make this design an extremely
efficient and reliable device for use in Automotive applications and
a wide variety of other applications.
S
D
G
Description
Advanced Process Technology
Ultra Low On-Resistance
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Features
D-Pak
IRFR120Z
I-Pak
IRFU120Z
HEXFET® is a registered trademark of International Rectifier.
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
4.28
RθJA
Junction-to-Ambient (PCB mount)
i
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
35
0.23
± 20
Max.
8.7
6.1
35
20
18
See Fig.12a, 12b, 15, 16


Similar Part No. - IRFR120ZPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR120ZPBF IRF-IRFR120ZPBF Datasheet
263Kb / 11P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR120ZPBF KERSEMI-IRFR120ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR120ZPBF KERSEMI-IRFR120ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR120ZPBF IRF-IRFR120ZPBF Datasheet
324Kb / 11P
Advanced Process Technology
IRFR120ZPBF IRF-IRFR120ZPBF_15 Datasheet
324Kb / 11P
Advanced Process Technology
More results

Similar Description - IRFR120ZPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com