Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INEMO-M1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # INEMO-M1
Description  iNEMO system-on-board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

INEMO-M1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button INEMO-M1 Datasheet HTML 9Page - STMicroelectronics INEMO-M1 Datasheet HTML 10Page - STMicroelectronics INEMO-M1 Datasheet HTML 11Page - STMicroelectronics INEMO-M1 Datasheet HTML 12Page - STMicroelectronics INEMO-M1 Datasheet HTML 13Page - STMicroelectronics INEMO-M1 Datasheet HTML 14Page - STMicroelectronics INEMO-M1 Datasheet HTML 15Page - STMicroelectronics INEMO-M1 Datasheet HTML 16Page - STMicroelectronics INEMO-M1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID023268 Rev 1
13/35
INEMO-M1
Electrical characteristics
35
Table 5. LSM303DLHC e-compass module mechanical and electrical characteristics
@ Vdd = 3.3 V, T = 25 °C
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement
range(2)
FS user-selectable
±2 / ±4 / ±8 / ±16
g
M_FS
Magnetic
measurement range
GN user-selectable
±1.3 / ±1.9 / ±2.5 /
±4.0 / ±4.7 / ±5.6 /
±8.1
gauss
LA_So
Linear acceleration
sensitivity
FS = ±2 g
1
mg/LSB
FS = ±4 g
2
FS = ±8 g
4
FS = ±16 g
12
M_GN
Magnetic gain
setting
GN = ±1.3 Gauss (X, Y)
1100
LSB/
Gauss
GN = ±1.3 Gauss(2) (Z)
980
GN = ±1.9 Gauss(2) (X, Y)
855
GN = ±1.9 Gauss(2) (Z)
760
GN = ±2.5 Gauss(2) (X, Y)
670
GN = ±2.5 Gauss(2) (Z)
600
GN = ±4.0 Gauss(2) (X, Y)
450
GN = ±4.0 Gauss(2) (Z)
400
GN = ±4.7 Gauss(2) (X, Y)
400
GN = ±4.7 Gauss(2) (Z)
355
GN = ±5.6 Gauss(2) (X, Y)
330
GN = ±5.6 Gauss(2) (Z)
295
GN = ±8.1 Gauss(2) (X, Y)
230
GN = ±8.1 Gauss(2) (Z)
205
LA_TCSo
Linear acceleration
sensitivity change
vs. temperature
FS = ±2 g
±0.01
%/°C
LA_TyOff
Linear acceleration
typical Zero-
g level
offset accuracy
FS = ±2 g
±60
m
g
LA_TCOff
Linear acceleration
Zero-
g level change
vs. temperature
Max. delta from 25 °C
±0.5
m
g/°C
LA_An
Acceleration noise
density
FS bit set to ±2 g, normal
operating mode, ODR bit
set to 1.344 kHz
220
μg/
sqrt (Hz)
M_R
Magnetic resolution
2
mgauss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com