Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC013 Datasheet(PDF) 1 Page - Multicomp Pro

Part # GC013
Description  F-F, HD 15 Way
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

GC013 Datasheet(HTML) 1 Page - Multicomp Pro

  GC013 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gender Changer
F-F, HD 15 Way
Page <1>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Specifications:
Current Rating
: 1.5 A
Minimum Insulation Resistance
: 100 M
Ω
Dielectric Wthstanding
: 500 V for one minute
Maximum Contact Resistance
: 50 M
Ω
Operating Temperature
: -20°C to +70°C
Materials
Housing
: PB
Contact
: Copper alloy
Shell
: Steel
Part Number Table
Description
Part Number
Gender Changer, F - F, HD15 Way
GC013 (PSG90050)


Similar Part No. - GC013

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GC01L60 GTM-GC01L60 Datasheet
272Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GC01L60 ETL-GC01L60 Datasheet
275Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GeneSiC Semiconductor, ...
GC01MPS12-214 GENESIC-GC01MPS12-214 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
GC01MPS12-252 GENESIC-GC01MPS12-252 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
More results

Similar Description - GC013

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
THOR communications
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
Typical F-HD-SDI Application
logo
Advantech Co., Ltd.
DSD-3032 ADVANTECH-DSD-3032_14 Datasheet
344Kb / 2P
32" F-HD Digital Signage & Touch Monitor
DSD-3042 ADVANTECH-DSD-3042_14 Datasheet
440Kb / 2P
42" F-HD Digital Signage & Touch Monitor
DSD-3055 ADVANTECH-DSD-3055_14 Datasheet
757Kb / 2P
55" F-HD Digital Signage & Touch Monitor
logo
Weidmuller
2748620000 WEIDMULLER-2748620000 Datasheet
140Kb / 2P
HDC MBUS HD 1 F
2748580000 WEIDMULLER-2748580000 Datasheet
139Kb / 2P
HDC MBUS HD 4 F
logo
Advantech Co., Ltd.
DSD-3032 ADVANTECH-DSD-3032_V01 Datasheet
350Kb / 2P
32 F-HD Digital Signage & Touch Monitor
18-Sep-2018
logo
PHOENIX CONTACT
5528367 PHOENIX-5528367 Datasheet
105Kb / 4P
FLKM HDSUB-15/F
Feb 4, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com