Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DECASMDC050F/60 Datasheet(PDF) 15 Page - Littelfuse

Part # DECASMDC050F/60
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DECASMDC050F/60 Datasheet(HTML) 15 Page - Littelfuse

Back Button DECASMDC050F/60 Datasheet HTML 11Page - Littelfuse DECASMDC050F/60 Datasheet HTML 12Page - Littelfuse DECASMDC050F/60 Datasheet HTML 13Page - Littelfuse DECASMDC050F/60 Datasheet HTML 14Page - Littelfuse DECASMDC050F/60 Datasheet HTML 15Page - Littelfuse DECASMDC050F/60 Datasheet HTML 16Page - Littelfuse DECASMDC050F/60 Datasheet HTML 17Page - Littelfuse DECASMDC050F/60 Datasheet HTML 18Page - Littelfuse DECASMDC050F/60 Datasheet HTML 19Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
129
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Physical Characteristics
Terminal pad material
100% matte tin with nickel underplate
Soldering characteristics
ANSI/J-STD-002 Category 3 for femtoSMD, picoSMD, nanoSMD, microSMD and miniSMD series
ANSI/J-STD-002 Category 1 for SMD series
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Section 5, Method 1A
Flammability resistance
per IEC 695-2-2 Needle Flame Test for 20 sec.
Recommended storage conditions 40°C max, 70% R.H. max; devices may not meet specified ratings if storage conditions are exceeded.
Environmental Specifications
Test
Test Method
Conditions
Resistance Change
Storage life
Raychem PS300, Section 5.3.2
60°C, 1000 hours
±3% typical
85°C, 1000 hours
±5% typical
Humidity aging
Raychem PS300, Section 5.3.1
85°C, 85% RH, 100 hours
±1.2% typical
Thermal shock
MIL-STD-202, Method 107G
85°C, -40°C (20 times)
-33% typical
125°C, -55°C (10 times)
-33% typical
Vibration
MIL-STD-883C
per MIL-STD-883C
No change
Solvent resistance
Raychem PS300, Section 5.2.2
Freon
No change
Trichloroethane
No change
Hydrocarbons
No change
Table S5
Physical Characteristics and Environmental Specifications for Surface-mount Devices
Operating temperature range -40°C to 85°C, -40°C to 125°C for SMDH120 and SMDH160
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F
4,000
20,000
A
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC008F
4,000
20,000
T
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC010F
4,000
20,000
B
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC012F
4,000
20,000
C
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC016F
4,000
20,000
E
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC020F
4,000
20,000
F
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
femtoSMDC035F
4,000
20,000
K
0.80 (0.032)
0.60 (0.024)
0.80 (0.032)
UL, CSA
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S
3,000
15,000
C
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL
picoSMDC012S
4,000
20,000
F
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC020S
4,000
20,000
H
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC035S
4,000
20,000
I
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC050S
3,000
15,000
K
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
UL, CSA
picoSMDC075S*
3,000
15,000
M
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
picoSMDC110S*
3,000
15,000
S
1.50 (0.060)
1.00 (0.039)
1.20 (0.047)
Pending
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3,000
15,000
P
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC016F
3,000
15,000
N
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC020F
3,000
15,000
02
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC025F
3,000
15,000
C
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA
nanoSMDC035F
3,000
15,000
03
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC050F/13.2
3,000
15,000
M
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC075F
3,000
15,000
L
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC110F
3,000
15,000
K
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC150F
3,000
15,000
15
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
nanoSMDC200F
3,000
15,000
T
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
UL, CSA, TÜV
* Data is preliminary
Part Number
Tape & Reel
Quantity
Standard
Package
Part
Marking
Dimension
A (Nom.)
Dimension
B (Nom.)
Dimension
C (Nom.)
Agency
Recognition
Recommended Pad Layout Figures [mm(In.)]
Table S6 Packaging and Marking Information for Surface-mount Devices
NEW
coming
soon
NEW
NEW
NEW
NEW
NEW
NEW
NEW
coming
soon
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com