Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5AN-R3HML-500-N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5AN-R3HML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AN-R3HML-500-N Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5AN-R3HML-500-N Datasheet HTML 1Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 2Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 3Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 4Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 5Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 6Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5AN-R3HML-500-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Basic-type Digital Temperature Controller
E5AN/E5EN
1
Basic-type Digital Temperature Controller
E5AN/E5EN (96 x 96 mm and 48 x 96 mm)
New 96 x 96-mm and 48 x 96-mm Basic Temperature Controllers with
Enhanced Functions and Performance.
Improved Indication Accuracy and
Preventive Maintenance Function.
• Indication Accuracy
Thermocouple input: ±0.3% of PV (previous models: ±0.5%)
Pt input: ±0.2% of PV (previous models: ±0.5%)
Analog input: ±0.2% FS (previous models: ±0.5%)
• A PV/SV-status display function can be set to alternate between
displaying the PV or SV and the status of the Temperature
Controller (auto/manual, RUN/STOP and alarms).
• Preventive maintenance for relays using a Control Output
ON/OFF Counter.
• Three-level display that simultaneously displays
the PV, SV, and MV.
• One-touch operation with PF Key that can be assigned to
auto/manual, RUN/STOP, or other functions.
Main I/O Functions
96
× 96 mm
E5AN
48
× 96 mm
E5EN
Refer to Safety Precautions on page 18.
Sensor Inputs
• Universal thermocouple/Pt inputs
(Models with temperature inputs)
• Analog current/voltage inputs
(Models with analog inputs)
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input:
±0.2% of PV
• Analog input:
±0.2% FS
Sampling Period and control update
• 250 ms
PF Key
(Programmable function key)
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
Control Output 2
• Voltage output
(for driving SSR)
• Long-life relay
output (hybrid)
3 auxiliary outputs
• Auto/manual switching
• Temperature Controller
status display
• Simple program function
• Control output ON/OFF
count alarm
• PV change rate alarm
• Models optional available
with RS-485 or RS-232C
communications
E5AN
E5EN
4 digit, 11 segments Display
3-line Display
✽
Simultaneously displays set items,
such as the PV, SV, and MV.
✽ A 2-line display when shipped from the factory. A
3-line display is activated if parameters are
initialized. For details on the third display level, refer
to the User’s Manual, Basic Type (Cat. No. H156).
Event Inputs
• None
• Two
This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CN/E5AN/E5EN Digital Temperature Controllers User's Manual Basic Type (Cat. No. H156)
E5CN/E5AN/E5EN Digital Temperature Controllers Communications Manual Basic Type (Cat. No. H158)


Similar Part No. - E5AN-R3HML-500-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN-R3HML-500-N OMRON-E5AN-R3HML-500-N Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
More results

Similar Description - E5AN-R3HML-500-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
Advanced Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
Advanced Digital Temperature Controller
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
Digital Temperature Controller (Simple Type)
04/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com