Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ5048-L. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECJ5048-L.
Description  TELECOM/MODULAR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECJ5048-L. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECJ5048-L. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.142
29.0
2X
.125
3.18
.75
19.0
1.40
35.5
.87
22.1
.63
16.0
.26
6.73
KEY
PIN 1
10.00±.75
254.0±19.1
1.142
29.00
.675
17.15
.905
22.99
CUT END
RECOMMENDED
PANEL CUTOUT
2X, #4-40 UNC-2B
.10
2.5
.34
8.5
1.0
25.3
PIN 1 BLUE
PIN 2 ORANGE
PIN 3 BLACK
PIN 4 RED
PIN 5 GREEN
PIN 6 YELLOW
USOC STANDARD
COLOR CODE
PIN 7 BROWN
PIN 8 WHITE
NOTES:
MATERIAL:
HOUSING:ABS,UL94V-0,COLOR:IVORY
CONTACTS:PHOSPHOR BRONZE
CONTACT PLATING:GOLD,30
μ INCHES OVER NICKEL PLATING.
ELECTRICAL:
CURRENT RATING:2 AMPS (MAX.)
VOLTAGE RATING:140 VDC
MISCELLANEOUS:
ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
OPERATING TEMPERATURE RANGE:-10 C TO +70 C.
RATING APPLICATION: CATEGORY 3
WIRE LEADS: 26 AWG STRANDED COPPER, PVC JACKET
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
RJ45 JACK
(8X8)
(KEYED)
WIRING MAP
"J1"
WIRE COLOR
1
BLUE
2
ORANGE
3
BLACK
4
RED
5
GREEN
6
YELLOW
7
BROWN
8
WHITE
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ECJ5048-L
A
ECJ5048-L.SLDDRW
1
1
S.PAN
07/04/17
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.GUTTADAURO
07/04/17
10/27/17
A
CN INITIAL RELEASE
D.CUI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
JK PNL MNT 8X8K W/10" WIRE LDS
TELECOM/MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.CUI
COLOR VARIATIONS
MAY OCCUR
07/04/17
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - ECJ5048-L.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECJ504-6 L-COM-ECJ504-6 Datasheet
49Kb / 1P
JK PNL MNT 6X6 W/10" WIRE LDS
4/24/12
ECJ504-8 L-COM-ECJ504-8 Datasheet
50Kb / 1P
RJ45 (8X8) KEYED JACK TO WIRE LEADS
4/24/12
ECJ5046-IV L-COM-ECJ5046-IV Datasheet
61Kb / 1P
JK PNL MNT 6X6 W/10" WIRE LDS
07/04/17
ECJ504B-UB L-COM-ECJ504B-UB Datasheet
55Kb / 1P
JK PNL MNT USB B, 10" WIRE LDS
5/4/01
ECJ504B-UB. L-COM-ECJ504B-UB. Datasheet
55Kb / 1P
JK PNL MNT USB B, 10" WIRE LDS
5/4/01
More results

Similar Description - ECJ5048-L.

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
logo
AIT Components Ltd.
EFD12 AITCOMPONENTS-EFD12 Datasheet
607Kb / 1P
TELECOM TRANSFORMERS
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
Telecom Infrastructure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com