Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRL1632E-M-R010-F-T5 Datasheet(PDF) 1 Page - Susumu Co., Ltd.

Part # KRL1632E-M-R010-F-T5
Description  Metal foil low resistance chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.

KRL1632E-M-R010-F-T5 Datasheet(HTML) 1 Page - Susumu Co., Ltd.

  KRL1632E-M-R010-F-T5 Datasheet HTML 1Page - Susumu Co., Ltd. KRL1632E-M-R010-F-T5 Datasheet HTML 2Page - Susumu Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆Part numbering system
◆Electrical Specification
Temperature characteristics type:
C (high operating temperature ), M (low EMF)
KRL 1220E - C - R010 - F - T1
Packaging quantity:
T1(1,000pcs), T5(5,000pcs)
Resistance tolerance
Series code
Size: KRL0510, KRL0816, KRL1220, KRL1632
KRL2550, KRL3264, KRL50110
Nominal resistance value
Terminal type: D (bottom terminal), E (wrap around terminal)
E-6 / E-12
±50
±100
±50
±100
±50
±100
±50
±100
±50
±100
±50
±100
±50
±100
10m≦R≦500m
ー
10m≦R≦500m
ー
10m≦R≦500m
ー
10m≦R≦500m
ー
10m≦R≦1000m
ー
10m≦R≦1000m
ー
ー
5m≦R≦9m(1m step)
ー
5m≦R≦9m(1m step)
ー
5m≦R≦9m(1m step)
ー
5m≦R≦9m(1m step)
ー
5m≦R≦9m(1m step)
ー
5m≦R≦9m(1m step)
Resistance range(Ω) Resistance tolerance
Power
ratings
Type
Resistance
value series
-55℃ ~ 155℃
-55℃ ~ 175℃
Operating temperature
0.2W
0.3W
0.5W
0.75W
1.5W
2W
5W
50m≦R≦100m
±2% (G)
±1% (F)
(ppm/°C)
KRL0510
KRL0816
KRL1220
KRL1632
KRL2550
KRL3264
KRL50110
AEC-Q200 Compliant
Metal foil low resistance chip resistors
(short-side terminal)
■KRL series
・
・
・
・
・
・
・
・
High current sensing short side terminal low resistance chip resistor
Two types available: high temperature (operating temperature up to 175°C), low emf
type ( operating temperature up to 155°C).
High current handling capability and wide range of power ratings
Size: 0510 ~ 50110, power ratings: 0.2W ~ 5W, resistance value range: 5m ~ 1000mΩ
Face down construction. Choice between bottom only or wrap around terminal
Automotive electronics
Power source devises, ACDC converters, DCDC converters
Motors, inverters, office automation equipment
Applications
Features
*1
*2
We can meet your requirement for resistance value not specified in above table. Please contact our sales office.
We can meet your requirement outside of E-6/E-12 series resistance. Please contact our sales office.
Temperature
coefficient
of resistance
*2
*1
53
C
M
T1
T5
T1
10,000pcs
Packaging
quantity


Similar Part No. - KRL1632E-M-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
Susumu Co., Ltd.
KRL1608 SUSUMU-KRL1608 Datasheet
247Kb / 2P
Metal foil low resistance chip resistors
More results

Similar Description - KRL1632E-M-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
logo
KOA Speer Electronics, ...
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
logo
List of Unclassifed Man...
LRMAM1206-R03FT5 ETC2-LRMAM1206-R03FT5 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
Metal Foil Low Ohm Power Chip Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com