Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33975ATEK/R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC33975ATEK/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975ATEK/R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33975ATEK/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975ATEK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Document Number: MC33975
Rev 11.0, 01/2014
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005 - 2014. All rights reserved.
Multiple Switch Detection
Interface with Suppressed
Wake-up and 32 mA Wetting
Current
The 33975 Multiple Switch Detection Interface with Suppressed Wake-
up is designed to detect the closing and opening of up to 22 switch
contacts. The switch status, either open or closed, is transferred to the
microprocessor unit (MCU) through a serial peripheral interface (SPI).
The device also features a 22-to-1 analog multiplexer for reading
inputs as analog.
The 33975 device has two modes of operation, Normal and Sleep.
Normal mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors the switch
change of state. The Sleep mode provides low quiescent current,
which makes the 33975 ideal for automotive and industrial products
requiring low sleep state currents.
Improvements are a programmable interrupt timer for Sleep mode that
can be disabled, switch detection currents of 32 mA and 4.0 mA for
switch-to-ground inputs, and an interrupt bit that can be reset. This
device is powered using SMARTMOS technology.
Features
• Designed to operate from 5.5 V
 VPWR  28 V
• Switch input voltage: (33975: -14 to 38 V) (33975A: -14 to 40 V)
• Interfaces to microprocessor using 3.3 V/5.0 V SPI protocol
• Selectable wake-up on change of state
• 14 switch-to-ground inputs
• 8 programmable inputs (switches to battery or ground)
• Selectable wetting current (32 mA or 4.0 mA for switch-to-ground
inputs)
• Sleep State current VPWR 100 A, VDD 20 A
Figure 1. 33975 Simplified Application Diagram
EK SUFFIX (PB-FREE)
98ASA10556D
32-PIN SOICW EP
33975
33975A
MULTIPLE SWITCH
DETECTION INTERFACE WITH
SUPPRESSED WAKE-UP
Applications
• Automotive systems
• Industrial control systems
• Process control systems
• Security systems
• Systems requiring switch status verification for
safety, operation, or process control purposes
V
BAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
WAKE
SI
CS
SO
INT
AMUX
GND
MOSI
SCLK
CS
MISO
INT
AN0
33975
MCU
SCLK
POWER SUPPLY
LVI
ENABLE
WATCHDOG
RESET
VDD
V
BAT
VDD
V
BAT


Similar Part No. - MC33975ATEK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33975ATEK/R2 FREESCALE-MC33975ATEK/R2 Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975ATEK/R2 NXP-MC33975ATEK/R2 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results

Similar Description - MC33975ATEK/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com