Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2861 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 4Page - Qorvo, Inc ACT2861 Datasheet HTML 5Page - Qorvo, Inc ACT2861 Datasheet HTML 6Page - Qorvo, Inc ACT2861 Datasheet HTML 7Page - Qorvo, Inc ACT2861 Datasheet HTML 8Page - Qorvo, Inc ACT2861 Datasheet HTML 9Page - Qorvo, Inc ACT2861 Datasheet HTML 10Page - Qorvo, Inc ACT2861 Datasheet HTML 11Page - Qorvo, Inc ACT2861 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
8 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
SYSTEM CHARACTERISTICS
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
Input voltage Range
VIN
4
29
V
Input Over Voltage Protection
VIN_OVP
Rising
Measured at VIN Pin
29
30
31
V
Input Over Voltage Hysteresis
2
V
Input Over Voltage Response
Time
TVIN_OVP
VIN step from 20V to 31V
250
ns
VIN UVLO Threshold
VIN_UVLO
VIN Rising
Measured at VIN Pin
3.725
3.9
4.075
V
VIN UVLO Hysteresis
VIN_UVLO_HYST
VIN Falling
Measured at VIN Pin
200
mV
EN_CHG INPUT Threshold
VEN_IN
EN_CHG Rising
0.7
0.8
0.9
V
EN_CHG INPUT Hysteresis
VEN_IN_HYST
EN_CHG Falling
160
mV
CURRENT REGULATION - VIN INPUT AND CURRENT REGULATION IN CHARGE MODE
Input Voltage Regulation
Accuracy
VINLIM_REG_ACC
Measured from VIN Pin to AGND Pin
Relative to the factory default Register
Setting
-2
VINLIM
+2
%
Input Current Regulation Range
IINLIM_RANGE
With IIN_LIM=100% register setting
0.5
5
A
Input Current Regulation
Accuracy
IIN_ILIM
IIN_LIM = 0.5A to 1A
Rsense = 0.01Ohms
-20
IIN_ILIM
+20
%
IIN_ILIM
IIN_LIM = 1A to 2A
Rsense = 0.01Ohms
-15
IIN_ILIM
+15
%
IIN_ILIM
IIN_LIM > 2A
Rsense = 0.01Ohms
-10
IIN_ILIM
+10
%
VIN INPUT QUIESCENT CURRENTS
Input Supply Current HIZ
IIN_HIZ1
VIN=12V, VBAT=8.4V, EN Low,
converter off, I2C on, VREG is OFF
35
µA
IIN_HIZ2
VIN=12V, VBAT=8.4V, EN Low,
converter off, I2C on, VREG is ON
50
µA
IIN_HIZ3
VIN=12V, VBAT=8.4V, EN Low,
converter off, I2C on, VREG is on, A2D
Enabled, Fault Monitor Enabled, TH
Enabled
1000
µA
Input Supply Current at No Load
IIN_NOLOAD
VIN=5V, Charger Mode, converter
switching, I2C on, VREG on, no load,
500kHz
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com