Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8846 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT8846 Datasheet HTML 1Page - Qorvo, Inc ACT8846 Datasheet HTML 2Page - Qorvo, Inc ACT8846 Datasheet HTML 3Page - Qorvo, Inc ACT8846 Datasheet HTML 4Page - Qorvo, Inc ACT8846 Datasheet HTML 5Page - Qorvo, Inc ACT8846 Datasheet HTML 6Page - Qorvo, Inc ACT8846 Datasheet HTML 7Page - Qorvo, Inc ACT8846 Datasheet HTML 8Page - Qorvo, Inc ACT8846 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
 
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
1 of 63
www.qorvo.com
FEATURES
INTEGRATED POWER SUPPLIES
• Four DC/DC Step-Down (Buck) Regulators
 2 x 2.8A, 2 x 1.5A
• Five Low-Noise LDOs
 2 x 150mA, 3 x 350mA
• Three Low-Input Voltage LDOs
 1 x 150mA, 2 x 350mA
• One Low IQ Keep-Alive LDO
• Backup Battery Charger
SYSTEM CONTROL AND INTERFACE
• Four General Purpose I/O with PWM Drivers
• I2C Serial Interface
• Interrupt Controller
SYSTEM MANAGEMENT
• Reset Interface and Sequencing Controller
 Power on Reset
 Soft / Hard Reset
 Watchdog Supervision
 Multiple Sleep Modes
• Thermal Management Subsystem
APPLICATIONS
• Tablet PC
• Mobile Internet Devices (MID)
• E-books
• Personal Navigation Devices
• Smart Phones
GENERAL DESCRIPTION
The ACT8846 is a complete, cost effective, and
highly-efficient
ActivePMUTM
power
management
solution optimized for the power, voltage sequencing
and control requirements of Rockchip RK31x8
application processor family.
The ACT8846 features four fixed-frequency, current-
mode, synchronous PWM step-down converters that
achieve peak efficiencies of up to 97%. These
regulators operate with a fixed frequency of 2.25MHz,
minimizing noise in sensitive applications and allowing
the use of small external components. These buck
regulators supply up to 2.8A of output current and can
fully satisfy the power and control requirements of the
multi-core application processor. Dynamic Voltage
Scaling (DVS) is supported either by dedicated control
pins, or through I2C interface to optimize the energy-
per-task performance for the processor. This device
also include eight low-noise LDOs (up to 350mA per
LDO), one always-on LDO and an integrated backup
battery charger to provide a complete power system for
the processor.
The power sequence and reset controller provides
power-on reset, SW-initiated reset, and power cycle
reset for the processor. It also features the watchdog
supervisory function. Multiple sleep modes with
autonomous sleep and wake-up sequence control are
supported.
The thermal management and protection subsystem
allows the host processor to manage the power
dissipation of the PMU and the overall system
dynamically. The PMU provides a thermal warning to
the host processor when the temperature reaches a
certain threshold such that the system can turn off some
of the non-essential functions, reduce the clock
frequency and etc to manage the system temperature.
The ACT8846 is available in a compact, Pb-Free and
RoHS-compliant TQFN66-48 package.


Similar Part No. - ACT8846

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8846QM460-T ACTIVE-SEMI-ACT8846QM460-T Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846QM460-T ACTIVE-SEMI-ACT8846QM460-T Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

Similar Description - ACT8846

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com