Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2M-CPU35 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # CJ2M-CPU35
Description  The accumulated experience and advancements in technology now result in CJ2M; fully compatible, yet fully new.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU35 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button CJ2M-CPU35 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
CJ2M-CPU3
@/-CPU1@/-MD21@
Specifications for Pulse I/O Functions
The following functions of CJ2M can be used by installing one or two Pulse I/O Modules. Each module has 10 high-speed inputs and 6 high-speed
outputs. Pulse I/O Modules can be installed on CJ2M CPU Units with Unit Version 2.0 or Later.
• The inputs can be used as general-purpose inputs, interrupt inputs, quick-response inputs, high-speed counters, or origin search inputs.
• The outputs can be used as general-purpose outputs, pulse outputs, origin search outputs, or PWM outputs.
Performance Specifications
Function Specifications
Item
Description
Pulse I/O
Model of Pulse I/O Modules
CJ2M-MD211 (Sinking-type)
CJ2M-MD212 (Sourcing-type )
External Interface
40-pin MIL connector
Pulse Inputs
Can be used as normal inputs, interrupt inputs, quick-response inputs, or high-speed counter inputs.
(Function of each input must be selected in the PLC Setup.)
Input method: Line-driver input or 24-VDC input (selected by wiring)
Normal Inputs
20 max. (10 per Pulse I/O Module)
Input constants: Set in the PLC Setup (0, 0.5, 1, 2, 4, 8, 16, or 32 ms). Default: 8 ms
Interrupt Inputs and
Quick-response Inputs
8 max. (4 per Pulse I/O Module)
Input signal minimum ON pulse width: 30
μs
High-speed Counter Inputs
4 max. (2 per Pulse I/O Module)
Input method: Differential-phase (
×4) pulses, pulse + direction, up/down pulses, or increment pulse
Maximum response frequency: 50 kHz for differential phases or 100 kHz for single phase
Counting mode: Linear mode or circular (ring) mode
Count value: 32 bits
Counter reset: Phase Z + software reset or software reset
Control method: Target-value comparison or range comparison
Gate function: Supported
Pulse Outputs
Can be used as normal outputs, pulse outputs, or PWM outputs. (Function of each output must be selected
in the PLC Setup.)
Output method: Sinking or sourcing transistor outputs (The method is determined by Pulse I/O Module model.)
Normal Outputs
12 max. (6 per Pulse I/O Module)
Pulse Outputs
4 max. (2 per Pulse I/O Module)
Output method: CW/CCW or pulse + direction (The method is determined by the I/O wiring and the
instructions used in the ladder program.)
Output frequency: 1 pps to 100 kpps (in increments of 1 pps)
Output Mode: Continuous mode (for speed control) or independent mode (for position control)
Output pulses: Relative coordinates: 0000 0000 to 7FFF FFFF hex (0 to 2,147,483,647 pulses)
Absolute coordinates: 8000 0000 to 7FFF FFFF hex (
−2,147,483,648 to 2,147,483,647)
Acceleration/deceleration curves: Linear or S-curve
Origin search function: Supported
PWM Outputs
4 max. (2 per Pulse I/O Module)
Output frequency: 0.1 to 6,553.5 Hz (in 0.1-Hz increments) or 1 to 32,800 Hz (in 1-Hz increments)
Duty ratio: 0.0% to 100.0% (in 0.1% increments)
Functions
Description
Pulse I/O
Functions
Pulse Input
Functions
Normal Inputs
Input signals are read during I/O refreshing and stored in I/O memory.
Interrupt Inputs
An interrupt task can be started when an input signal turns ON or turns OFF.
Quick-response Inputs
Input signals that are shorter than the cycle time are read and stored in I/O memory.
High-speed Counter Inputs
High-speed pulse signals are counted. Interrupt tasks can also be started.
Pulse
Output
Functions
Normal Outputs
The status of I/O memory is output during I/O refreshing.
Pulse Outputs
A pulse signal is output with the specified frequency and number of pulses at a fixed duty ratio (50%).
PWM Outputs
A pulse signal is output at the specified duty ratio.
Origin Searches
The origin point of the machine is determined according to the specified origin search parameters while
actually outputting pulses and using the origin and origin proximity input signals as conditions. (Pulse inputs
and outputs are also used for this function.)
Interrupt
Input Interrupt Function
A task is started for an interrupt input from a Pulse I/O Module or for a high-speed counter input.
Input Interrupts
Interrupt tasks are executed when the interrupt input turns ON or turns OFF.
Direct Mode: An interrupt task is executed each time an input signal changes.
Counter Mode: Changes in the input signal are counted up or down and the interrupt task is executed when
the counter counts out. (The maximum response frequency is 3 kHz.)
High-speed Counter Interrupts
An interrupt task is executed when preset comparison conditions for a high-speed counter are met.
Target-value comparison: The interrupt task is executed when the count matches a specified value.
Range comparison: The interrupt task is executed when the count enters or leaves a specified range of values.
Connected
Pulse I/O Module 0
Pulse I/O Module
CJ2M CPU Unit
(Standard or Simple Model)
One Pulse I/O Module can be mounted
Pulse I/O Module 1
Connected
Connected
Pulse I/O Module 0
Pulse I/O Module
CJ2M CPU Unit
(Standard or Simple Model)
Note: The Pulse I/O Module closest
to the CPU Unit is Pulse I/O
Module 0 and the other one
is Pulse I/O Module 1.
Two Pulse I/O Modules can be mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com