Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3Z-R81-M1TJ-IL2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3Z-R81-M1TJ-IL2
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81-M1TJ-IL2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3Z-R81-M1TJ-IL2 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
E3Z
-@-IL@
6
Monitor Output vs. Sensing Distance
Diffuse-reflective Models
Narrow-beam Reflective Models
E3Z-D8
@-IL@
E3Z-L8
@-IL@
Sensing Object Size vs. Sensing Distance
Diffuse-reflective Models
Narrow-beam Reflective Models
E3Z-D8
@-IL@
E3Z-L8
@-IL@
Spot Diameter vs. Sensing Distance
Differential Travel vs. Sensing Distance
Narrow-beam Reflective Models
Narrow-beam Reflective Models
E3Z-L8
@-IL@
E3Z-L8
@-IL@
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.4
1.0
1.2
1.6
Distance (m)
Sensitivity adjuster: 1/2
Sensitivity adjuster: MAX
Sensitivity
adjuster: 1/3
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
50
100
150
200
300
250
350
Distance (mm)
Sensitivity adjuster: 1/2
Sensitivity adjuster: MAX
Sensitivity
adjuster: 1/3
d
d
4.5
4
3.5
3
2.5
2
1.5
1
0.5
350
300
250
200
150
100
50
0
Black paper
White paper
Side length (one side) of
sensing object: d (mm)
SUS
(glossy surface)
300
250
200
150
100
50
100
30
20
10
7.5
5
3
2
1
0
d
d
Side length (one side) of
sensing object: d (mm)
White paper
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
160
140
120
80
40
100
60
20
0
Distance (mm)
30
25
20
15
10
5
150
100
75
125
50
0
Distance (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com