Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2-IOL-0002 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 13Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 14Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 15Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 16Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 17Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
NXR-ILM08C-ECT
14
External Interface
Letter
Name
Function
(A)
EtherCAT communications
connector (input)
The connector for EtherCAT port (input).
• M12 connector (D-coding, female)
Connect a communications cable.
(B)
EtherCAT communications
connector (output)
The connector for EtherCAT port (output).
• M12 connector (D-coding, female)
Connect a communications cable.
(C)
I/O connectors
The connectors for connecting IO-Link devices or non-IO-Link connected external devices.
They are called "ports."
• M12 connectors (A-coding, female)
Connect I/O cables.
(D)
Power supply connector (input)
The connector for supplying Unit/input power and output power.
• 7/8 inch connector (male)
Connect the power supply cable to an external power supply.
(E)
Power supply connector (output)
The connector for supplying Unit/input power and output power from the local node to another
node. Use this connector when the power supply method is power supply with through-wiring.
• 7/8 inch connector (female)
Connect the power supply cable to an additional IO-Link Master Unit.
(F)
I/O indicators
The indicators that show the I/O status of pin 4/pin 1 and pin 2 for each port.
(G)
Cover mounting holes
The screw holes for mounting the rotary switch cover. They are provided in two locations.
The above figure shows the holes when the cover is mounted with screws.
(H)
Rotary switches
The switches for setting the Explicit Device ID and for the I/O port quick settings.
(I)
Status indicators
The indicators that show the current operating status of the Unit.
(J)
Unit mounting holes
The holes for mounting the Unit. They are provided in two locations. Mount the Unit with M5
screws.
(J)
(B)
(A)
(D)
(C)
(E)
(F)
(C)
(H)
(I)
(G)
(G)
(J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com