Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7497SA Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7497SA
Description  8W8W15W TRIPLE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497SA Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7497SA Datasheet HTML 1Page - STMicroelectronics TDA7497SA Datasheet HTML 2Page - STMicroelectronics TDA7497SA Datasheet HTML 3Page - STMicroelectronics TDA7497SA Datasheet HTML 4Page - STMicroelectronics TDA7497SA Datasheet HTML 5Page - STMicroelectronics TDA7497SA Datasheet HTML 6Page - STMicroelectronics TDA7497SA Datasheet HTML 7Page - STMicroelectronics TDA7497SA Datasheet HTML 8Page - STMicroelectronics TDA7497SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TDA7497SA
2/10
Table 2. Absolute Maximum Ratings
(1) Operation between -20 to 85°C guaranteed by correlation with 0 to 70°C.
Figure 3. Pin Connection (Top view)
Table 3. Thermal Data
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
Ptot
Total Power Dissipation (Tamb = 70°C)
30
W
Tamb
Ambient Operating Temperature (1)
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ.=1.5 max = 2.5
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max = 48
°C/W
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE1 (L/R)
MUTE2 (CENTER)
S_GND
SVR
INC
INL
PW_GND_C
OUTC
VS_C
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D02AU1413



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com