Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7497S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7497S
Description  8W8W15W TRIPLE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7497S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7497S Datasheet HTML 1Page - STMicroelectronics TDA7497S Datasheet HTML 2Page - STMicroelectronics TDA7497S Datasheet HTML 3Page - STMicroelectronics TDA7497S Datasheet HTML 4Page - STMicroelectronics TDA7497S Datasheet HTML 5Page - STMicroelectronics TDA7497S Datasheet HTML 6Page - STMicroelectronics TDA7497S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
TDA7497S
Figure 2. Output Power vs Supply Voltage
Figure 3. Frequency Response
Figure 4. THD+N vs Output Power
Figure 5. Pdiss vs Output Power
0
2
4
6
8
10
W
+10
+12
+14
+16
+18
+20
+22
+24
Vdc
TDA7497
Rl = 80hm
f = 1KHz
THD=10%
THD=1%
Pout vs Vcc : RL=8ohm, F=1KHz (filter 22Hz-22KHz),
THD= 1%, 10%, channels L/R/C
+25
-5
+5l
-4
-3
-2
-1
+0
+1
+2
+3
+4
20
100k
50
100
200
500
1k
2k
5k
10k
20k
50k
Amp.
(dB)
Frequency ( Hz )
TDA7497
Vcc=25 Vdc
Rl = 8ohm
0dB = 1W
T.H.D.
(%)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
60m
10
100m
200m
500m
1
2
5
TDA7497
Vcc=26Vdc
Rl =8ohm
f =1KHz
0
5
10
15
20
25
30
9
10
11
12
13
14
15
16
Pdiss. (W)helv
TDA7497
Vcc =26V
Right/Left/Center=8 ohm
Xaxis is 3XPout
Pout. (W)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com