| Electronic Components Datasheet Search |
|
TDA7496SSA Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7496SSA Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() TDA7496SSA 2/12 ABSOLUTE MAXIMUM RATINGS PIN CONNECTION (top view) THERMAL DATA Symbol Parameter Value Unit VS DC Supply Voltage 35 V VIN Maximum Input Voltage 8 Vpp Ptot Total Power Dissipation (Tamb = 70°C) 15 W Tamb Ambient Operating Temperature (1) 0 to 70 °C Tstg,TJ Storage and Junction Temperature -40 to 150 °C V3 Volume Control DC Voltage 7 V Symbol Parameter Value Unit Rth j-case Thermal Resistance junction-case Typ. = 4.5; Max. = 5 °C/W Rth j-amb Thermal Resistance junction-ambient Max. 48 °C/W ELECTRICAL CHARACTERISTCS (Refer to the test circuit VS = 22V, RL = 8Ω, f = 1KHz, Rg = 50Ω, Tamb = 25°C) Symbol Parameter Test Condition Min. Typ. Max. Unit Vs Supply Voltage Range 10 32 V Iq Total Quiescent Current 25 50 mA DCVos Output DC Offset Referred to SVR Potential No Input Signal 200 mV VO Quiescent Output Voltage 11 V 1 2 3 4 5 6 7 9 10 11 8 PW_GND MUTE STBY S_GND SVR N.C. INL N.C. N.C. N.C. INR 13 14 15 12 PW_GND OUTR VS OUTL D02AU1412A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |