Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7417 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7417
Description  Car radio audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7417 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7417 Datasheet HTML 1Page - STMicroelectronics TDA7417 Datasheet HTML 2Page - STMicroelectronics TDA7417 Datasheet HTML 3Page - STMicroelectronics TDA7417 Datasheet HTML 4Page - STMicroelectronics TDA7417 Datasheet HTML 5Page - STMicroelectronics TDA7417 Datasheet HTML 6Page - STMicroelectronics TDA7417 Datasheet HTML 7Page - STMicroelectronics TDA7417 Datasheet HTML 8Page - STMicroelectronics TDA7417 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
June 2007
Rev 2
1/34
1
TDA7417
Car radio audio processor
Features
■ Input Multiplexer
– QD: quasi-differential stereo inputs
– FD: full-differential stereo inputs
– Mono: Mono input
– SE1: stereo single-ended input
– SE2: stereo single-ended input
– In-Gain 0 to 15dB, 1dB step
– internal offset-cancellation (AutoZero)
■ IN/OUT control
– Selectable full-differential stereo inputs or
Bass output
■ Loudness
–2nd order frequency response
– programmable center frequency
(400Hz/800Hz/2400Hz)
– 15dB with 1dB steps
– soft-step control with programmable blend
times
– selectable low & high frequency boost
■ Volume
– +15dB to -79dB with 1dB step resolution
– soft-step control with programmable blend
times
– multi-step control
■ Bass
–2nd order frequency response
– center frequency programmable in 4 steps
(60Hz/80Hz/100Hz/200Hz)
– Q programmable 1.0/1.25/1.5/2.0
– DC gain programmable
– -15 to 15dB with 1dB resolution
– soft-step control with programmable blend
times
■ Treble
– 2nd order frequency response
– center frequency programmable in 4 steps
(10KHz/12.5KHz/15KHz/17.5KHz)
– -15 to 15dB with 1dB resolution
■ High pass
– 2nd order frequency response
– center frequency programmable in 3 steps
(80Hz/120Hz/160Hz)
■ Speaker
– independent soft step speaker controls,
+15dB to -79dB with 1dB steps
– Independent programmable mix input with
50% mixing ratio for front speakers
–direct mute
– multi-step control
■ Mute Functions
– digitally controlled SoftMute with 3
programmable mute-times
(0.48ms/0.96ms/123ms)
Description
The TDA7417 is an high performance signal
processor specifically designed for car radio
applications with fully integrated audio filters.
The digital control allows a full programming of
the audioprocessor in a wide range of filter
characteristics.
By using BICMOS-process low distortion and low
noise are obtained.
TQFP32
Table 1.
Device summary
Order codes
Package
Packing
TDA7417
TQFP32
Tray
TDA7417TR
TQFP32
Tape & reel
www.st.com


Similar Part No. - TDA7417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7410NDTR STMICROELECTRONICS-TDA7410NDTR Datasheet
416Kb / 34P
Signal processor for car radio applications
28-Feb-2007
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
ADVANCED CAR SIGNAL PROCESSOR
Oct-2003
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
CARRADIO SIGNAL PROCESSOR
Oct-2003
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
Car radio multimedia signal processor
26-Oct-2007
More results

Similar Description - TDA7417

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
CAR RADIO SIGNAL PROCESSOR
Jun-2000
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
TDA7476 STMICROELECTRONICS-TDA7476 Datasheet
101Kb / 15P
CAR RADIO DIAGNOSTIC PROCESSOR
Dec-1999
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
CAR RADIO SIGNAL PROCESSOR
Apr-2001
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
CAR RADIO SIGNAL PROCESSOR
Oct-2003
TDA7476 STMICROELECTRONICS-TDA7476_01 Datasheet
163Kb / 19P
CAR RADIO DIAGNOSTIC PROCESSOR
Apr-2001
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
Car radio signal processor
30-Jun-2011
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com