Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3021 Datasheet(PDF) 50 Page - Abbatron All Rights Reserved

Part # 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Datasheet(HTML) 50 Page - Abbatron All Rights Reserved

Back Button 3021 Datasheet HTML 46Page - Abbatron All Rights Reserved 3021 Datasheet HTML 47Page - Abbatron All Rights Reserved 3021 Datasheet HTML 48Page - Abbatron All Rights Reserved 3021 Datasheet HTML 49Page - Abbatron All Rights Reserved 3021 Datasheet HTML 50Page - Abbatron All Rights Reserved 3021 Datasheet HTML 51Page - Abbatron All Rights Reserved 3021 Datasheet HTML 52Page - Abbatron All Rights Reserved 3021 Datasheet HTML 53Page - Abbatron All Rights Reserved 3021 Datasheet HTML 54Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Aluminum Hex Standoffs
• Aluminum with clear chromate finish.
• Hex shape for wrench tightening.
*Please see page 40 for more information on aluminum standoffs
and finishes.
48
Thread Size
4-40
6-32
8-32
10-32
Thread Length
Tapped Thru
Thread Length
Tap each end
1"
1/4"
7/16"
Maximum Thread Depth
7/16"
1"
1"
1"
1/2"
HH Smith
Page 48 Left FINAL .125-.750" len chart
80left.xls
Sheet1
#4-40
#6-32
#8-32
#10-32
1/4
8400
8420
8440
5/16
9403A
9404A
8460
3/8
9405A
9406A
1/4
9284
9291
9298
5/16
9403B
9404B
9035
3/8
9405B
9406B
1/4
8401
8421
8441
5/16
9403C
9404C
8461
3/8
9405C
9406C
1/4
9285
9292
9299
5/16
9403D
9404D
9306
3/8
9405D
9406D
1/4
8402
8422
8442
5/16
9403E
9404E
8462
3/8
9405E
9406E
1/4
9286
9293
9300
5/16
9403F
9404F
9307
3/8
9405F
9406F
1/4
8403
8423
8443
5/16
9403G
9404G
8463
3/8
9405G
9406G
1/4
9287
9294
9301
5/16
9403H
9404H
9308
3/8
9405H
9406H
1/4
8404
8424
8444
5/16
9403J
9404J
8464
3/8
9405J
8406J
1/4
9288
9295
9302
5/16
9403K
9404K
9309
3/8
9405K
9406K
1/4
8405
8425
8445
5/16
9403L
9404L
8465
3/8
9405L
9406L
.562
9/16
.750
3/4
.625
5/8
.687
11/16
.437
7/16
.500
1/2
.312
5/16
.375
3/8
LENGTH
O.D.
THREAD
.125
1/8
.187
3/16
.250
1/4
Page 48 FINAL .812-4" len. Chart
80RIGHT.xls
Sheet1
#4-40
#6-32
#8-32
#10-32
1/4
9289
9296
9303
5/16
9403M
9404M
9310
3/8
9405M
9406M
1/4
8406
8426
8446
5/16
9403N
9404N
8466
3/8
9405N
9406N
1/4
9290
9297
9304
5/16
9403P
9404P
9311
3/8
9405P
9506P
1/4
8407
8427
8447
5/16
9403Q
9404Q
8467
3/8
9405Q
9406Q
1/4
8408
8428
8448
5/16
9403R
9404R
8468
1/4
8400T
8420T
8440T
5/16
9403T
9403T
8460T
1/4
8409
8429
8449
5/16
9403U
9404U
8469
1/4
8400V
8420V
8440V
5/16
9403V
9404V
8460V
1/4
8410
8430
8450
5/16
9403W
9404W
8470
1/4
8400X
8420X
8440X
5/16
9403X
9404X
8460X
1/4
8411
8431
8451
5/16
9403Y
9404Y
8471
2.250
2-1/4
8400ZA
8420ZA
8440ZA
2.500
2-1/2
8412
8432
8452
2.750
2-3/4
8400ZC
8420ZC
8440ZC
3.000
3
8413
8433
8453
3.250
3-3/4
8400ZE
8420ZE
8440ZE
3.500
3-1/2
8414
8434
8454
3.750
3-3/4
8400ZG
8420ZG
8440ZG
4.000
4
8415
8435
8455
LENGTH
.812
.875
.937
1.000
1
1.250
THREAD
O.D.
1/4
13/16
7/8
15/16
1-1/4
1.375
1-3/8
1.500
1-1/2
1.625
1-5/8
1.750
1-3/4
1.875
1-7/8
2.000
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com