Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDS2621LP Datasheet(PDF) 2 Page - Semtech Corporation

Part # TDS2621LP
Description  1-Line, 26V EOS Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TDS2621LP Datasheet(HTML) 2 Page - Semtech Corporation

  TDS2621LP Datasheet HTML 1Page - Semtech Corporation TDS2621LP Datasheet HTML 2Page - Semtech Corporation TDS2621LP Datasheet HTML 3Page - Semtech Corporation TDS2621LP Datasheet HTML 4Page - Semtech Corporation TDS2621LP Datasheet HTML 5Page - Semtech Corporation TDS2621LP Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 8
Semtech Corporation
Proprietary & Confidential
TDS2621LP
Final Datasheet: Rev. 2.0
Revision Date: 10/2/2024
semtech.com
TDS2621LP
Absolute Maximum ESD Rating
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power (t
p = 8/20µs)
P
PK
840
W
Peak Pulse Current (t
p = 8/20µs)
I
PP
24
A
Peak Pulse Current (t
p = 10/1000µs)
I
PP
1.3
A
ESD per IEC 61000-4-2 (Air)(1)
ESD per IEC 61000-4-2 (Contact)(1)
V
ESD
±25
kV
±20
kV
Operating Temperature
T
OP
-40 to +125
°C
Junction and Storage Temperature
T
J and TSTG
-55 to +150
°C
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
Electrical Characteristics
T
A = 25°C unless otherwise specified. All data taken from Pin 1 to 2 unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
V
RWM
26.4
V
Reverse Breakdown Voltage
V
BR
I
t = 1mA
31
32
33.2
V
Forward Voltage
V
F
I
t = 1mA, Pin 2 to Pin 1
0.6
V
Reverse Leakage Current
I
R
V
RWM = 26.4V
5
60
nA
Clamping Voltage(2)
V
C
I
PP=24A, tp = 8/20μs
32.7
35
V
Dynamic Resistance(2),(3)
R
DYN
tp = 8/20μs
32
mΩ
Junction Capacitance
C
J
V
R = 26.4V, f = 1MHz
86
pF
Notes:
1) ESD gun return path connected to ESD ground plane.
2) Parameter guaranteed by design.
3) Dynamic resistance measured between 1A and IPP (tp = 8/20µs)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com