Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740L Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 30Page - STMicroelectronics L6740L Datasheet HTML 31Page - STMicroelectronics L6740L Datasheet HTML 32Page - STMicroelectronics L6740L Datasheet HTML 33Page - STMicroelectronics L6740L Datasheet HTML 34Page - STMicroelectronics L6740L Datasheet HTML 35Page - STMicroelectronics L6740L Datasheet HTML 36Page - STMicroelectronics L6740L Datasheet HTML 37Page - STMicroelectronics L6740L Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Output voltage monitoring and protections
L6740L
34/44
Typical design considers the intervention of the Average OC before the per-phase OC, leav-
ing this last one as an extreme-protection in case of hardware failures in the external com-
ponents. Typical design flow is the following:
–
Define the maximum total output current (IOC_AVGmax) according to system
requirements
–Set IOC_TH to 35µA. This implies ROC_TH = 33kΩ (OC_PHASE pin is fixed to
1.24V and IOC_TH is the current programmed through ROC_TH).
–Design RG resistor in order to have IINFOx = IOC_TH when IOUT is about 10% higher
than the IOC_AVGmax current. It results:
where N is the number of phases and DCR the DC resistance of the inductors. RG
should be designed in worst-case conditions.
–Design ROC_AVG in order to have the OC_AVG/LI pin voltage to VOC_AVGTH at the
desired maximum current IOC_AVGmax. It results:
where VOC_AVGTH is typically 2.5V and IOC_AVGmax is the AVG_OC threshold
desired.
–
Adjust the defined values according to bench-test of the application.
–
An additional capacitor in parallel to ROC_AVG can be considered to add a delay in
the protection intervention.
Note:
What previoulsy listed is the typical design flow. In any case, custom design may require
different settings and ratios between the per-phase OC threshold and the AVG OC
threshold. Applications with huge ripple across inductors may required to set IOC_TH to
values higher than 35
µA: in this case the threshold may be increased still keeping I
OC_TH <
50
µA.
7.4.2
NB section
Since the NB Section reads the current across Low-Side MOSFET, it limits the bottom of the
NB inductor current entering in Constant Current until UV. In particular, since the device lim-
its the valley of the inductor current, the ripple entity, when not negligible, impacts on the real
OC threshold value and must be considered.
The device detects an Over Current condition when the current information IISEN overcomes
the fixed threshold of IOCTH_NB (35µA typ). When this happens, the device keeps the Low-
Side MOSFET on, also skipping clock cycles, until the threshold is crossed back and IISEN
results being lower than the IOCTH_NB threshold. After exiting the OC condition, the Low-
Side MOSFET is turned off and the High-Side is turned on with a duty cycle driven by the
PWM comparator.
The Section enters the Quasi-Constant-Current operation: the Low-Side MOSFET stays ON
until the current read becomes lower than IOCP_NB skipping clock cycles. The High-Side
MOSFET can be then turned ON with a TON imposed by the control loop after the Low-Side
MOSFET turn-off and the Section works in the usual way until another OC event is detected.
This means that the average current delivered can slightly increase in Quasi-Constant-Cur-
R
G
1.1 I
OC_AVGmax
⋅
() DCR
⋅
NI
⋅
OCTH
------------------------------------------------------------------
=
R
OC_AVG
V
OC_AVGTH
R
G
⋅
I
OC_AVGmax
DCR
⋅
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com