Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB20NM60-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB20NM60-1
Description  N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STB20NM60-1 Datasheet HTML 1Page - STMicroelectronics STB20NM60-1 Datasheet HTML 2Page - STMicroelectronics STB20NM60-1 Datasheet HTML 3Page - STMicroelectronics STB20NM60-1 Datasheet HTML 4Page - STMicroelectronics STB20NM60-1 Datasheet HTML 5Page - STMicroelectronics STB20NM60-1 Datasheet HTML 6Page - STMicroelectronics STB20NM60-1 Datasheet HTML 7Page - STMicroelectronics STB20NM60-1 Datasheet HTML 8Page - STMicroelectronics STB20NM60-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
August 2007
Rev 12
1/18
18
STB20NM60-1 - STP20NM60FP
STB20NM60 - STP20NM60 - STW20NM60
N-channel 600V - 0.25
Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK
MDmesh™ Power MOSFET
Features
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Applications
Switching applications
Description
The MDmesh™ is a new revolutionary Power
MOSFET technology that associates the multiple
drain process with the company’s PowerMESH™
horizontal layout. The resulting product has an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the company’s proprietary strip
technique yields overall dynamic performance
that is significantly better than that of similar
competition’s products.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP20NM60
STP20NM60FP
STB20NM60
STB20NM60-1
STW20NM60
600V
600V
600V
600V
600V
< 0.29
< 0.29
< 0.29
< 0.29
< 0.29
20A
20A
20A
20A
20A
TO-247
1
3
1
2
3
TO-220
D²PAK
1
2
3
TO-220FP
1
2
3
I²PAK
Table 1.
Device summary
Part number
Marking
Package
Packaging
STP20NM60
P20NM60
TO-220
Tube
STP20NM60FP
P20NM60FP
TO-220FP
Tube
STB20NM60T4
B20NM60
D²PAK
Tape & reel
STB20NM60-1
B20NM60-1
I²PAK
Tube
STW20NM60
W20NM60
TO-247
Tube
www.st.com


Similar Part No. - STB20NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
logo
Inchange Semiconductor ...
STB20NM60-1 ISC-STB20NM60-1 Datasheet
358Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB20NM60-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
08-Jun-2005
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
26-Oct-2005
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
N-channel 600V - 0.45Ω - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESH™ Power MOSFET
26-Jul-2006
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
23-Apr-2007
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
N-channel 650V - 0.25Ω - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
06-Sep-2007
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
03-May-2007
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
N-channel 500V - 0.15Ω - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com