Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASELJ Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASELJ
Description  Low Jitter CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASELJ Datasheet(HTML) 3 Page - Abracon Corporation

  ASELJ Datasheet HTML 1Page - Abracon Corporation ASELJ Datasheet HTML 2Page - Abracon Corporation ASELJ Datasheet HTML 3Page - Abracon Corporation ASELJ Datasheet HTML 4Page - Abracon Corporation ASELJ Datasheet HTML 5Page - Abracon Corporation ASELJ Datasheet HTML 6Page - Abracon Corporation ASELJ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ASELJ
Low Jitter CMOS Crystal Oscillator
Revision:
Initial Release 5/23/2024
Page 3
Disclaimer
Check Inventory
R
t S
l
Request Samples
Frequency: 24.576 MHz, VDD: 3.3V
Frequency: 49.152MHz, VDD: 3.3V
ASELJ -
-
MHz -
-
-
Packaging
Blank: Bulk
T: 1000 pcs / reel
T3: 3000 pcs / reel
Frequency in
Please specify the
frequency in MHz.
e.g. 26.000MHz
Vdd (V)
C: 2.5V±5%
D: 1.8V±5%
E: 3.3V±5%
Operating Temp
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
R:±25ppm
C: ±50ppm
Part Identification



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com