Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDLJ-D-49.152MHZ-L-R-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDLJ-D-49.152MHZ-L-R-T
Description  Low Jitter CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDLJ-D-49.152MHZ-L-R-T Datasheet(HTML) 1 Page - Abracon Corporation

  ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 1Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 2Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 3Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 4Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 5Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 6Page - Abracon Corporation ASDLJ-D-49.152MHZ-L-R-T Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASDLJ
Low Jitter CMOS Crystal Oscillator
Revision:
Initial Release 5/23/2024
Page 1
Disclaimer
Check Inventory
R
t S
l
Request Samples
Description
*Note 1: Overall frequency stability includes initial frequency tolerance @25°C± 3°C and stability over the operating temperature range.
Parameters
Min.
Typ.
Max.
Unit
Notes
Frequency Range
0.625
50
MHz
Operating Temperature Range
-40
+85
°C
See options
Storage Temperature Range
-55
+150
°C
Overall Frequency Stability [Note 1]
-25
+25
ppm
See options
Aging
-3.0
+3.0
First year @+25°C±2°C
Supply Voltage (Vdd)
+3.135
+3.3
+3.465
V
Option E
+2.375
+2.5
+2.625
Option C
+1.71
+1.8
+1.89
Option D
Supply Current (Idd)
5
10
mA
Vdd=3.3V
3
7
Vdd=2.5V
2
5
Vdd=1.8V
Start-up Time
0.4
1.0
ms
Rise and Fall Time(Tr/Tf)
@10%Vdd-90%Vdd,15pF load
1.0
3.0
ns
Vdd=3.3V
1.0
4.0
Vdd=2.5V
2.0
5.0
Vdd=1.8V
Output Load
15
pF
Output Voltage (VOH)
0.9*Vdd
V
Output Voltage (VOL)
0.1*Vdd
Output Enable & Disable Control
0.7*Vdd
V
Output Enabled or No Connect
0.3*Vdd
Output Disabled (High Impedance)
Output Enable Time
1.0
ms
Output Disabled Time
200
ns
Stand-by Current
20
µA
RMS Phase Jitter
(12kHz to 20MHz)
Please see table 1 below
With the improved CMOS low jitter design, Abracon ASDLJ series offers low RMS phase
jitter capable of reaching a phase noise floor of -171 dBc/Hz. This series feature three
supply voltage options of 1.8V, 2.5V, and 3.3V. In addition, the ASDLJ series comes in a
frequency range of 0.625 MHz to 50 MHz with an overall frequency stability of ±25 ppm
over an operating temperature range of -40℃ to 85℃.
Low Jitter CMOS (54 fs @ 49.152MHz)
Fixed supply voltage options (1.8V, 2.5V, 3.3V)
Hermetically seam-sealed ceramic package
Tight frequency stability options available
Low current consumption
REACH/RoHS II Compliant | MSL Level 1
ESD Sensitive
Features
Typical Applications
Wireless communication
Test and measurement equipment
Audio applications
Electrical Specifications


Similar Part No. - ASDLJ-D-49.152MHZ-L-R-T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
ASDL-3007-021 AVAGO-ASDL-3007-021 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023-008 AVAGO-ASDL-3023-008 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - ASDLJ-D-49.152MHZ-L-R-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com