Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC74VHC175FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC175FN
Description  Quad D-Type Flip Flop with Clear
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC175FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC175FN Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC175FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74VHC175F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC175F,TC74VHC175FN,TC74VHC175FT,TC74VHC175FK
Quad D-Type Flip Flop with Clear
The TC74VHC175 is an advanced high speed CMOS QUAD
D-TYPE FLIP FLOP fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
These four flip-flops are controlled by a clock input (CK) and a
clear input ( CLR ).
The information data applied to the D inputs (D1 thru D4) are
transferred to the outputs (Q1 thru Q4 and
1
Q thru
4
Q ) on the
positive-going edge of the clock pulse.
When the CLR input is held low, the Q outputs are at the low
logic level and the Q outputs are at the high logic level,
regardless of other input conditions.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 210 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS175
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC175F
TC74VHC175FN
TC74VHC175FT
TC74VHC175FK


Similar Part No. - TC74VHC175FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175FN TOSHIBA-TC74VHC175FN Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
TC74VHC175FN TOSHIBA-TC74VHC175FN Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results

Similar Description - TC74VHC175FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
Quad D-Type Flip Flop with Clear
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
QUAD D-TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
Quad D-Type Flip-Flop With Clear
Revised February 1999
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com