Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDLJ-E-49.152MHZ-E-R-T3 Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASDLJ-E-49.152MHZ-E-R-T3
Description  Low Jitter CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDLJ-E-49.152MHZ-E-R-T3 Datasheet(HTML) 6 Page - Abracon Corporation

  ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 1Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 2Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 3Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 4Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 5Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 6Page - Abracon Corporation ASDLJ-E-49.152MHZ-E-R-T3 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ASDLJ
Low Jitter CMOS Crystal Oscillator
Revision:
Initial Release 5/23/2024
Page 6
Disclaimer
Check Inventory
R
t S
l
Request Samples
Dimensions: mm
Tape Specifications (mm)
Width
Ao
Bo
Do
D1 (Min)
E1
F
Ko
8mm
*
*
1.5+0.1/-0.0
1.0
1.75±0.1 3.5±0.05
*
Width
P1
P2
P0
T (Max) T1 (Max) T2 (Max) W (Max)
8mm 4.0±0.1 2.0±0.05
4.0±0.1
0.6
0.1
2.5
8.3
*Note: Compliant to EIA-481
Packaging
T: 1,000pcs/reel
T3: 3,000pcs/reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com