Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDLJ-E-49.152MHZ-L-R-T3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASDLJ-E-49.152MHZ-L-R-T3
Description  Low Jitter CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDLJ-E-49.152MHZ-L-R-T3 Datasheet(HTML) 2 Page - Abracon Corporation

  ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 1Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 2Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 3Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 4Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 5Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 6Page - Abracon Corporation ASDLJ-E-49.152MHZ-L-R-T3 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASDLJ
Low Jitter CMOS Crystal Oscillator
Revision:
Initial Release 5/23/2024
Page 2
Disclaimer
Check Inventory
R
t S
l
Request Samples
Table 1 [Note 2,3,4]
*Note 2: Guaranteed by characterization; RMS Phase Jitter specifications are inclusive of any spurs.
*Note 3: Phase jitter measured with Keysight E5052B Signal Source Analyzer.
*Note 4: RMS Jitter bandwidth (10 MHz to 41 MHz) = 12kHz to 5MHz, and (42MHz > 50MHz) = 12kHz to 20MHz.
Phase Noise Plots [Note 2,3,4]
Frequency: 12.288MHz, VDD: 1.8V
Frequency: 24.576 MHz, VDD: 1.8V
Frequency: 49.152MHz, VDD: 1.8V
Frequency: 12.288MHz, VDD: 3.3V
Frequency
(MHz)
Supply Voltage (1.8V)
Supply Voltage (3.3V)
RMS Jitter
Typical
(fs)
Max (fs)
Typical
(fs)
Max (fs)
12.288
393
410
117
140
24.576
132
150
55
75
49.152
155
175
54
75
Electrical Specifications Cont.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com