Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCC4073B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4073B
Description  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4073B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4073B Datasheet HTML 1Page - STMicroelectronics HCC4073B Datasheet HTML 2Page - STMicroelectronics HCC4073B Datasheet HTML 3Page - STMicroelectronics HCC4073B Datasheet HTML 4Page - STMicroelectronics HCC4073B Datasheet HTML 5Page - STMicroelectronics HCC4073B Datasheet HTML 6Page - STMicroelectronics HCC4073B Datasheet HTML 7Page - STMicroelectronics HCC4073B Datasheet HTML 8Page - STMicroelectronics HCC4073B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2006
Rev 1
1/13
13
HCC4000B series
RadHardened high voltage complementary MOS logic series
Features
■ 20V max operating voltage
■ Bufferized inputs and outputs
■ Standardized symmetrical outputs
characteristic
■ 50ns typical propagation delays
■ 100nA max 25°C input current
■ 20V quescient current, 100% tested
■ 5-10-15V parametric testing
■ Available in hermetic Flat packages
■ Also available in DIL and DIE form upon
request
■ RadHard 100kRad TID at 11rad/sec dose rate
■ SEL-SEU immune to 72MeV/cm²/mg LET ions
■ Designed for space use: ESCC qualified
■ FM parts are delivered in accordance with
ESCC detail specifications, with ESCC
marking and ST + ESA logos
■ Engineering model parts meet same electrical
specifications as FM parts
■ Detailed Contractual ESCC detailed
specification for each Type shall be
downloaded from European Space Agency
web.site
Description
The HCC4000B series is composed of close to 80
monolithic types built with Metal Oxide
Complementary technology. It provides Designers
with high voltage noise tolerant complete Logic
series. It radiation hardness and immunity to
Heavy Ions make this series to be usable in the
most difficult environmental conditions.
FLAT14
FLAT16
FLAT20
DIL14
www.st.com


Similar Part No. - HCC4073B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4073B STMICROELECTRONICS-HCC4073B Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCC4073B STMICROELECTRONICS-HCC4073B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4073BC1 STMICROELECTRONICS-HCC4073BC1 Datasheet
271Kb / 10P
AND GATES
Jun-1989
HCC4073BD STMICROELECTRONICS-HCC4073BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4073BDG STMICROELECTRONICS-HCC4073BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4073B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
Complementary 30V MOS FET
logo
Motorola, Inc
MC14419 MOTOROLA-MC14419 Datasheet
543Kb / 4P
Low-Power Complementary Mos
MC14443 MOTOROLA-MC14443 Datasheet
166Kb / 5P
Low-Power Complementary MOS
MC142100 MOTOROLA-MC142100 Datasheet
59Kb / 1P
Low-Power Complementary MOS
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
Low-Power Complementary MOS
MC145429 MOTOROLA-MC145429 Datasheet
42Kb / 1P
Low-Power Complementary MOS
MC14412 MOTOROLA-MC14412 Datasheet
288Kb / 6P
Low-Power Complementary Mos
MC146818A MOTOROLA-MC146818A Datasheet
2Mb / 20P
HIGH-PERFORMANCE SILIICON-GATE COMPLEMENTARY MOS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com