Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-C787U Datasheet(PDF) 13 Page - Abracon Corporation

Part # ACPL-C787U
Description  Optically Isolated Sigma-Delta Modulator with Low Offset Drift and Wide Operating Temperature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C787U Datasheet(HTML) 13 Page - Abracon Corporation

Back Button ACPL-C787U Datasheet HTML 9Page - Abracon Corporation ACPL-C787U Datasheet HTML 10Page - Abracon Corporation ACPL-C787U Datasheet HTML 11Page - Abracon Corporation ACPL-C787U Datasheet HTML 12Page - Abracon Corporation ACPL-C787U Datasheet HTML 13Page - Abracon Corporation ACPL-C787U Datasheet HTML 14Page - Abracon Corporation ACPL-C787U Datasheet HTML 15Page - Abracon Corporation ACPL-C787U Datasheet HTML 16Page - Abracon Corporation ACPL-C787U Datasheet HTML 17Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Broadcom
ACPL-C787U-DS100
13
ACPL-C787U Data Sheet
Optically Isolated Sigma-Delta Modulator with
Low Offset Drift and Wide Operating Temperature
Modulator Data Output
Input signal information is contained in the modulator output data stream, represented by the density of ones and zeros. The
density of ones is proportional to the input signal voltage, as shown in Figure 15. A differential input signal of 0V ideally
produces a data stream of ones and zeros in equal densities. A differential input of –200 mV corresponds to an 18.75%
density of ones, and a differential input of +200 mV is represented by an 81.25% density of ones in the data stream. A
differential input of +320 mV or higher results in ideally all ones in the data stream, while input of –320 mV or lower will ideally
result in all zeros. Table 2 shows this relationship.
Figure 15: Modulator Output vs. Analog Input
NOTE:
With a bipolar offset binary coding scheme, the digital code begins with digital 0 at –FS input and increases
proportionally to the analog input until the full-scale code is reached at the +FS input. The zero crossing occurs
at the mid-scale input.
An ideal density of 1s at modulator data output can be calculated with VIN/640 mV + 50%; similarly, the ADC
code can be calculated with (VIN/640 mV) × 65,536 + 32,768, assuming a 16-bit unsigned decimation filter.
Digital Filter
A digital filter converts the single-bit data stream from the modulator into a multi-bit output word similar to the digital output
of a conventional A/D converter. With this conversion, the data rate of the word output is also reduced (decimation). A Sinc3
filter is recommended to work together with the ACPL-C787U. With 256 decimation ratio and 16-bit word settings, the output
data rate is 39 kHz (= 10 MHz/256). This filter can be implemented in an ASIC, an FPGA, or a DSP. Some of the ADC codes
with corresponding input voltages are shown in Figure 2.
Table 2: Input Voltage with Ideal Corresponding Density of 1s at Modulator Data Output, and ADC Code
Analog Input
Voltage Input
Density of 1s
Density of 0s
ADC Code
(16-bit Unsigned Decimation)
+Full-Scale
+320 mV
100%
0%
65,535
+Recommended Input Range
+200 mV
81.25%
18.75%
53,248
Zero
0 mV
50%
50%
32,768
–Recommended Input Range
–200 mV
18.75%
81.25%
12,288
–Full-Scale
–320 mV
0%
100%
0
+FS (ANALOG INPUT)
0 V (ANALOG INPUT)
–FS (ANALOG INPUT)
TIME
MODULATOR OUTPUT
ANALOG INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com