Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPL-K43CT Datasheet(PDF) 10 Page - Abracon Corporation

Part # ACPL-K43CT
Description  Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-K43CT Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ACPL-K43CT Datasheet HTML 6Page - Abracon Corporation ACPL-K43CT Datasheet HTML 7Page - Abracon Corporation ACPL-K43CT Datasheet HTML 8Page - Abracon Corporation ACPL-K43CT Datasheet HTML 9Page - Abracon Corporation ACPL-K43CT Datasheet HTML 10Page - Abracon Corporation ACPL-K43CT Datasheet HTML 11Page - Abracon Corporation ACPL-K43CT Datasheet HTML 12Page - Abracon Corporation ACPL-K43CT Datasheet HTML 13Page - Abracon Corporation ACPL-K43CT Datasheet HTML 14Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Broadcom
ACPL-K43CT-K44CT-DS100
10
ACPL-K43CT, ACPL-K44CT Data Sheet
Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a
Stretched 8-Pin Surface-Mount Plastic Package
Figure 1: DC and Pulsed Transfer Characteristics
Figure 2: Current Transfer Ratio vs. Input Current,
VO = 0.4V, VCC = 5 V, TA = 25°C
0
5
10
15
20
25
30
010
20
VO - OUTPUT VOLTAGE - V
VCC = 5.0 V
TA = 25° C
40 mA
35 mA
25 mA
15 mA
10 mA
IF = 5 mA
20 mA
30 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
1.0
10.0
100.0
IF - INPUT CURRENT - mA
Figure 3: Input Current vs. Forward Voltage
Figure 4: Current Transfer Ratio vs. Temperature
1.0
10.0
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
VF - FORWARD VOLTAGE - V
TA = 125° C
TA = 25° C
TA = -40° C
0.6
0.7
0.8
0.9
1.0
1.1
-60
-20
20
60
100
140
TA - TEMPERATURE - °C
Normalized
IF = 10 mA,
VO = 0.4 V
VCC = 5.0 V
TA = 25° C
Figure 5: Propagation Delay Time vs. Temperature,
IF = 10 mA, RL = 1.9 kΩ, CL = 15 pF
Figure 6: Propagation Delay Time vs. Temperature,
IF = 10 mA, RL = 20 kΩ, CL = 100 pF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-55
-15
-35
5
25
45
65
85
105 125
Ambient Temperature TA - °C
TPHL, Vcc = 5 V
TPLH, Vcc = 5 V
TPHL, Vcc = 3.3 V
TPLH, Vcc = 3.3 V
0.2
0.0
0.4
0.6
0.8
1.0
1.2
-55
-15
-35
5
25
45
65
85
105 125 145
Ambient Temperature TA - °C
TPHL, Vcc = 20 V
TPLH, Vcc = 20 V
TPHL, Vcc = 15 V
TPLH, Vcc = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com