Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP32-SW-OPT-2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # LP32-SW-OPT-2
Description  Emulex® Gen 7 Fibre Channel HBAs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

LP32-SW-OPT-2 Datasheet(HTML) 1 Page - Abracon Corporation

  LP32-SW-OPT-2 Datasheet HTML 1Page - Abracon Corporation LP32-SW-OPT-2 Datasheet HTML 2Page - Abracon Corporation LP32-SW-OPT-2 Datasheet HTML 3Page - Abracon Corporation LP32-SW-OPT-2 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Emulex Gen 7 Fibre Channel HBAs
Product Brief
Emulex® Gen 7
Fibre Channel HBAs
LPe35000/LPe36000-Series
Accelerate Workload
Performance for NVMe
Data Centers
• Accelerate workloads with up to
3x better latency than the previous
generation.
• Speed up applications and AFAs
and handle peak workload I/O
spikes with up to 10M IOPS—3x
more than the previous generation.
• Get faster data transfer speed with
the industry’s first single- and
dual-port PCIe 4.0 HBAs delivering
2x more bandwidth per lane.
Easily Deploy, Manage,
and Upgrade SANs
• Save time with no server reboots
for firmware updates, queue depth
changes, and optics replacements.
• Meet SLAs with industry-leading
HBA reliability—10M hours MTBF.
• Upgrade performance easily from
32GFC to 64GFC with Emulex-
approved hot-plug optics kits.
• Utilize the industry-standard
INCITS/T11 specification, which
includes full FPINs and signaling
support to collaborate with the
fabric to identify and address
performance problems.
Next-Gen HBAs for the Modern Data Center
The Emulex® Gen 7 Fibre Channel (FC) host bus adapters (HBAs) by
Broadcom are designed for demanding mission-critical workloads and
emerging applications. Applications continue to grow in size and scale,
and to support them, enterprises are increasingly turning to new server
technologies that contain hundreds of processor cores as well as high-
performance storage solutions including low-latency NVMe, all-flash arrays
(AFAs). NVMe can significantly increase the performance of storage
area networks (SANs), making the selection of high-speed networking
technology the critical element for achieving maximum system-wide
performance. Fibre Channel is purpose-built for storage networks, meeting
the requirements for high availability, scalability, predictable performance,
and low latency.
Compared to the previous generation, Emulex Gen 7 FC HBAs offer up to
2x higher bandwidth, 3x better latency, enhanced security, and operational
efficiency for 32GFC and 64GFC SANs. Emulex LPe35000-series HBAs are
available with single, dual, or quad 32GFC optics. The single-port and dual-
port models can be upgraded with 64GFC optics to tackle the toughest
workloads, including NVMe deployments. Gen 7 32GFC provides seamless
backward compatibility to 16GFC and 8GFC networks. Emulex LPe36000-
series HBAs are available with single and dual 64GFC optics and provide
seamless backward compatibility to 32GFC and 16GFC networks.
Emulex fully supports new industry standards that further enhance
Broadcom’s autonomous SAN1 innovations to self-learn, self-optimize, and
self-heal, proactively keeping the SAN running at maximum speed and
avoiding downtime. The new industry standards supported by Emulex
around Fabric Performance Impact Notifications (FPINs) include Link
Integrity notification (FPIN-LI), Congestion notification (FPIN-CN), Peer
Congestion notification (FPIN-PN), and Delivery notification (FPIN-DN).
The Emulex SAN Manager application is the first application in the industry
to automatically identify, minimize, and mitigate application performance
problems caused by SAN congestion by utilizing the FPIN-CN standard.
Performance
The Emulex Dynamic Multi-core architecture delivers unparalleled
performance and the most efficient port utilization with 8 processing
cores and 16 threads that dynamically apply ASIC resources to any port
that requires them, ensuring that SLAs are met. Compared to Gen 6
HBAs, Emulex Gen 7 HBAs can support 64GFC to deliver up to 2x greater
bandwidth. The Gen 7 HBAs deliver 12,800 MB/s (two 32GFC ports) or
25,600 MB/s (two 64GFC ports) full duplex, they deliver 3x better hardware
latency, and the 64GFC LPe36000-series HBAs deliver industry-leading
performance up to 10 million IOPS.2
Emulex Gen 7 solutions have achieved this unprecedented performance
by enhancing their Emulex Dynamic Multi-core architecture with fastpath
hardware acceleration, reducing latency for each transaction. This
1
https://docs.broadcom.com/docs/broadcom-autonomous-self-healing-sans
2
Tolly Test Report LPe36000-series, 2021
Emulex LPe35004, LPe35000, and LPe35002


Similar Part No. - LP32-SW-OPT-2

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
LP32 YUXIANG-LP32 Datasheet
86Kb / 1P
LP CORES
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results

Similar Description - LP32-SW-OPT-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
Fibre Channel Repeater
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
FIBRE CHANNEL COAXIAL
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
Fibre Channel SerDes
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
FIBRE CHANNEL
logo
Fox Electronics
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-159375 FOX-FXO-PC735RFC-159375 Datasheet
203Kb / 2P
FIBRE CHANNEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com