| Electronic Components Datasheet Search |
|
LP64-SW-OPT-2 Datasheet(PDF) 1 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
LP64-SW-OPT-2 Datasheet(HTML) 1 Page - Abracon Corporation |
|
1 / 4 page ![]() Emulex Gen 7 Fibre Channel HBAs Product Brief Emulex® Gen 7 Fibre Channel HBAs LPe35000/LPe36000-Series Accelerate Workload Performance for NVMe Data Centers • Accelerate workloads with up to 3x better latency than the previous generation. • Speed up applications and AFAs and handle peak workload I/O spikes with up to 10M IOPS—3x more than the previous generation. • Get faster data transfer speed with the industry’s first single- and dual-port PCIe 4.0 HBAs delivering 2x more bandwidth per lane. Easily Deploy, Manage, and Upgrade SANs • Save time with no server reboots for firmware updates, queue depth changes, and optics replacements. • Meet SLAs with industry-leading HBA reliability—10M hours MTBF. • Upgrade performance easily from 32GFC to 64GFC with Emulex- approved hot-plug optics kits. • Utilize the industry-standard INCITS/T11 specification, which includes full FPINs and signaling support to collaborate with the fabric to identify and address performance problems. Next-Gen HBAs for the Modern Data Center The Emulex® Gen 7 Fibre Channel (FC) host bus adapters (HBAs) by Broadcom are designed for demanding mission-critical workloads and emerging applications. Applications continue to grow in size and scale, and to support them, enterprises are increasingly turning to new server technologies that contain hundreds of processor cores as well as high- performance storage solutions including low-latency NVMe, all-flash arrays (AFAs). NVMe can significantly increase the performance of storage area networks (SANs), making the selection of high-speed networking technology the critical element for achieving maximum system-wide performance. Fibre Channel is purpose-built for storage networks, meeting the requirements for high availability, scalability, predictable performance, and low latency. Compared to the previous generation, Emulex Gen 7 FC HBAs offer up to 2x higher bandwidth, 3x better latency, enhanced security, and operational efficiency for 32GFC and 64GFC SANs. Emulex LPe35000-series HBAs are available with single, dual, or quad 32GFC optics. The single-port and dual- port models can be upgraded with 64GFC optics to tackle the toughest workloads, including NVMe deployments. Gen 7 32GFC provides seamless backward compatibility to 16GFC and 8GFC networks. Emulex LPe36000- series HBAs are available with single and dual 64GFC optics and provide seamless backward compatibility to 32GFC and 16GFC networks. Emulex fully supports new industry standards that further enhance Broadcom’s autonomous SAN1 innovations to self-learn, self-optimize, and self-heal, proactively keeping the SAN running at maximum speed and avoiding downtime. The new industry standards supported by Emulex around Fabric Performance Impact Notifications (FPINs) include Link Integrity notification (FPIN-LI), Congestion notification (FPIN-CN), Peer Congestion notification (FPIN-PN), and Delivery notification (FPIN-DN). The Emulex SAN Manager application is the first application in the industry to automatically identify, minimize, and mitigate application performance problems caused by SAN congestion by utilizing the FPIN-CN standard. Performance The Emulex Dynamic Multi-core architecture delivers unparalleled performance and the most efficient port utilization with 8 processing cores and 16 threads that dynamically apply ASIC resources to any port that requires them, ensuring that SLAs are met. Compared to Gen 6 HBAs, Emulex Gen 7 HBAs can support 64GFC to deliver up to 2x greater bandwidth. The Gen 7 HBAs deliver 12,800 MB/s (two 32GFC ports) or 25,600 MB/s (two 64GFC ports) full duplex, they deliver 3x better hardware latency, and the 64GFC LPe36000-series HBAs deliver industry-leading performance up to 10 million IOPS.2 Emulex Gen 7 solutions have achieved this unprecedented performance by enhancing their Emulex Dynamic Multi-core architecture with fastpath hardware acceleration, reducing latency for each transaction. This 1 https://docs.broadcom.com/docs/broadcom-autonomous-self-healing-sans 2 Tolly Test Report LPe36000-series, 2021 Emulex LPe35004, LPe35000, and LPe35002 |
Similar Part No. - LP64-SW-OPT-2 |
|
Similar Description - LP64-SW-OPT-2 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |